Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V600-H11-R Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # V600-H11-R
Description  Non-contact Data Communications System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V600-H11-R Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button V600-H11-R Datasheet HTML 18Page - Omron Electronics LLC V600-H11-R Datasheet HTML 19Page - Omron Electronics LLC V600-H11-R Datasheet HTML 20Page - Omron Electronics LLC V600-H11-R Datasheet HTML 21Page - Omron Electronics LLC V600-H11-R Datasheet HTML 22Page - Omron Electronics LLC V600-H11-R Datasheet HTML 23Page - Omron Electronics LLC V600-H11-R Datasheet HTML 24Page - Omron Electronics LLC V600-H11-R Datasheet HTML 25Page - Omron Electronics LLC V600-H11-R Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
22
Electromagnetic Coupling RFID System
V600
■ Battery Life
The Data Carrier has a built-in lithium battery.
The following graphs show the relationship between the number of bytes per transmission, the number of transmissions per day, and the battery life.
■ Temperature and Battery Life
V600-D2KR16
The battery life is two years at 25
°C regardless of the relationship between the number of bytes read/written and the number of transmissions.
Examples Showing Relationship between Battery Life and Temperature
The following table shows the standard values.
Note: If the battery is stored at 70
°C and is not installed, the battery
life is calculated as follows:
2 (years)
× (1 - 0.32) = 1.36 years
If the battery is stored at 25
°C after one year’s storage, the bat-
tery life will be approximately 1 year and 4 months. (The battery
life will be shortened if the battery is used at temperatures close
to 0
°C or 50°C.)
The values in the above graph are based on the battery being installed (i.e., the insulation sheet is removed). If the battery is not installed, the
values shown in the above table will apply.
V600-D8KR12 (Typical Example)
V600-D8KR04 (Typical Example)
V600-D8KR13 (Typical Example)
Number of bytes/transmission
8 years
5 years
Number of bytes/transmission
8 years
5 years
Number of bytes/transmission
8 years
5 years
2.5
2
1.5
1
0.5
010
20
30
40
50
Ambient temperature (˚C)
Temperature
Battery consumption rate in one year
20
°C1%
30
°C2%
40
°C4%
50
°C8%
60
°C
16%
70
°C
32%
Q124-E1-03.fm Page 22 Tuesday, May 30, 2006 5:22 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com