Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V600-H11-R Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # V600-H11-R
Description  Non-contact Data Communications System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V600-H11-R Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button V600-H11-R Datasheet HTML 11Page - Omron Electronics LLC V600-H11-R Datasheet HTML 12Page - Omron Electronics LLC V600-H11-R Datasheet HTML 13Page - Omron Electronics LLC V600-H11-R Datasheet HTML 14Page - Omron Electronics LLC V600-H11-R Datasheet HTML 15Page - Omron Electronics LLC V600-H11-R Datasheet HTML 16Page - Omron Electronics LLC V600-H11-R Datasheet HTML 17Page - Omron Electronics LLC V600-H11-R Datasheet HTML 18Page - Omron Electronics LLC V600-H11-R Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Electromagnetic Coupling RFID System
V600
15
■ Transmission Distance Specifications for Data Carriers with Large
Memory Capacity (Built-in-battery/Battery-less/Replaceable-battery)
Recommended combinations
Installation
Controller
mode
Transmission
distance
Condition for DC and R/W head
installation
Data Carrier
R/W Head
V600-D8KR12
V600-H07
Stationary
Flush-mount-
ed in metal
Irrelevant
10 to 50 mm (max. axi-
al offset ±10 mm)
The listed transmission distances
also apply for installation on non-
metallic surfaces. Refer to the V600
R/W Heads and SRAM Data Carri-
ers Operation Manual (Cat. No.
Z127) for details.
Surface-
mounted on
metal
10 to 60 mm (max. axi-
al offset ±10 mm)
Moving
Flush-mount-
ed in metal
25 to 50 mm (max. axi-
al offset ±10 mm)
Surface-
mounted on
metal
25 to 60 mm (max. axi-
al offset ±10 mm)
V600-H11
Stationary
Flush-mount-
ed in metal
Irrelevant
5 to 40 mm (max. axial
offset ±10 mm)
Surface-
mounted on
metal
5 to 45 mm (max. axial
offset ±10 mm)
Moving
Flush-mount-
ed in metal
25 to 40 mm (max. axi-
al offset ±10 mm)
Surface-
mounted on
metal
25 to 45 mm (max. axi-
al offset ±10 mm)
V600-D8KR13
V600-H07
Stationary
Flush-mount-
ed in metal
Irrelevant
10 to 30 mm (max. axi-
al offset ±10 mm)
Surface-
mounted on
metal
10 to 35 mm (max. axi-
al offset ±10 mm)
Moving
Flush-mount-
ed in metal
20 to 30 mm (max. axi-
al offset ±10 mm)
Surface-
mounted on
metal
20 to 35 mm (max. axi-
al offset ±10 mm)
V600-H11
Stationary
Flush-mount-
ed in metal
Irrelevant
10 to 30 mm (max. axi-
al offset ±10 mm)
Surface-
mounted on
metal
Moving
Flush-mount-
ed in metal
15 to 30 mm (max. axi-
al offset ±10 mm)
Surface-
mounted on
metal
Data Carrier
Surface-mounted on metal
Data Carrier
Flush-mounted in metal
R/W Head
Metal
Metal
Metal
Q124-E1-03.fm Page 15 Tuesday, May 30, 2006 5:22 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com