Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V600-H11-R Datasheet(PDF) 24 Page - Omron Electronics LLC

Part # V600-H11-R
Description  Non-contact Data Communications System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V600-H11-R Datasheet(HTML) 24 Page - Omron Electronics LLC

Back Button V600-H11-R Datasheet HTML 20Page - Omron Electronics LLC V600-H11-R Datasheet HTML 21Page - Omron Electronics LLC V600-H11-R Datasheet HTML 22Page - Omron Electronics LLC V600-H11-R Datasheet HTML 23Page - Omron Electronics LLC V600-H11-R Datasheet HTML 24Page - Omron Electronics LLC V600-H11-R Datasheet HTML 25Page - Omron Electronics LLC V600-H11-R Datasheet HTML 26Page - Omron Electronics LLC V600-H11-R Datasheet HTML 27Page - Omron Electronics LLC V600-H11-R Datasheet HTML 28Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
24
Electromagnetic Coupling RFID System
V600
V600-HS61
• Facing: 80 mm min.
• Side-by-side: 80 mm min.
V600-HS61
V600-HS61
Note: If the two R/W Heads are not transmitting simultaneously (i.e., independent read/write), mutual interference will not occur. Therefore, the
restriction on the distance between the Heads will not be applicable.
The commands will be received by the R/W Heads and transmission will oscillate between them.
Mutual Interference between Proximity Sensors
The V600-series Units use electromagnetic coupling (frequency: 530 kHz). When a V600 Unit is wired close to R/W Heads, Proximity Switches,
and Sensors that have an oscillating frequency between 400 and 600 kHz, the Proximity Sensor may malfunction, so be sure to install the Units
according to the distance restrictions specified in the following diagrams. Make sure to thoroughly test that the mounting positions and the fixed
positions of the Sensors are correct before putting them into actual operation.
V600-H07
• Vertical/Parallel: 400 mm min.
• Facing: 300 mm min.
120 mm min.
80 mm min.
80 mm min.
V600-HS51
V600-HS51
V600-H51
• Facing: 120 mm min.
V600-H52
• Facing: 80 mm min.
• Side-by-side: 80 mm min.
V600-HS51
• Facing: 80 mm min.
• Side-by-side: 80 mm min.
100 mm min.
80 mm min.
80 mm min.
V600-HS51
V600-HS51
• Side-by-side: 100 mm min.
V600-H51
V600-H51
V600-H52
V600-H52
V600-H51
V600-H51
V600-H52
V600-H52
80 mm min.
V600
-HS61
V600
-HS61
80 mm min.
400 mm min.
400 mm min.
Proximity Sensor
Proximity Sensor
V600-H07
300 mm min.
Proximity Sensor
V600-H07
Q124-E1-03.fm Page 24 Tuesday, May 30, 2006 5:22 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com