Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V600-H11-R Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # V600-H11-R
Description  Non-contact Data Communications System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V600-H11-R Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button V600-H11-R Datasheet HTML 10Page - Omron Electronics LLC V600-H11-R Datasheet HTML 11Page - Omron Electronics LLC V600-H11-R Datasheet HTML 12Page - Omron Electronics LLC V600-H11-R Datasheet HTML 13Page - Omron Electronics LLC V600-H11-R Datasheet HTML 14Page - Omron Electronics LLC V600-H11-R Datasheet HTML 15Page - Omron Electronics LLC V600-H11-R Datasheet HTML 16Page - Omron Electronics LLC V600-H11-R Datasheet HTML 17Page - Omron Electronics LLC V600-H11-R Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
14
Electromagnetic Coupling RFID System
V600
Note: 1. The transmission distance/transmission time priority mode setting can be made using the lower-level transmission mode setting switch
or memory switch only with a Serial-interface Controller or ID Sensor Unit.
2. With Parallel-interface Controllers, the mode setting is always transmission distance priority.
3. The specifications take fluctuations in ambient temperature and slight differences between products into account.
4. This is the transmission distance when using the V600-HS
@1 and V600-HA51 combination.
Recommended combinations
Installation
Controller
mode
Transmission
distance
Condition for DC and R/W head
installation
Data Carrier
R/W Head
V600-D23P55
V600-HS51
(See note 4.)
Stationary
Read dis-
tance
Transmission
distance priority
0.5 to 6.5 mm (max.
axial offset ±2 mm)
These Data Carriers are for flush
mounting in non-metallic bases
only.
The transmission distance decreas-
es considerably when flush mount-
ed in non-metallic bases. Refer to
the V600 R/W Heads and EEPROM
Data Carriers Operation Manual
(Cat. No. Z128) for details.
Transmission
time priority
0.5 to 6.0 mm (max.
axial offset ±2 mm)
Write dis-
tance
Transmission
distance priority
0.5 to 6.5 mm (max.
axial offset ±2 mm)
Transmission
time priority
0.5 to 6.0 mm (max.
axial offset ±2 mm)
V600-HS61
(See note 4.)
Stationary
Read dis-
tance
Transmission
distance priority
0.5 to 7.0 mm (max.
axial offset ±2 mm)
Transmission
time priority
0.5 to 6.0 mm (max.
axial offset ±2 mm)
Write dis-
tance
Transmission
distance priority
0.5 to 7.0 mm (max.
axial offset ±2 mm)
Transmission
time priority
0.5 to 6.0 mm (max.
axial offset ±2 mm)
V600-H52
Stationary
Read dis-
tance
Transmission
distance priority
0.5 to 9.0 mm (max.
axial offset ±2 mm)
Transmission
time priority
0.5 to 8.5 mm (max.
axial offset ±2 mm)
Write dis-
tance
Transmission
distance priority
0.5 to 8.5 mm (max.
axial offset ±2 mm)
Transmission
time priority
0.5 to 8.5 mm (max.
axial offset ±2 mm)
V600-D23P55
Data Carrier
V600-HS61
R/W Head
Iron
V600-HS51
R/W Head
Iron
V600-H52
R/W Head
Iron
(Resin, plastic, wood, etc.)
Non-metallic
V600-D23P55
Data Carrier
(Resin, plastic, wood, etc.)
Non-metallic
V600-D23P55
Data Carrier
(Resin, plastic, wood, etc.)
Non-metallic
Q124-E1-03.fm Page 14 Tuesday, May 30, 2006 5:22 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com