Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V600-H11-R Datasheet(PDF) 26 Page - Omron Electronics LLC

Part # V600-H11-R
Description  Non-contact Data Communications System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V600-H11-R Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button V600-H11-R Datasheet HTML 22Page - Omron Electronics LLC V600-H11-R Datasheet HTML 23Page - Omron Electronics LLC V600-H11-R Datasheet HTML 24Page - Omron Electronics LLC V600-H11-R Datasheet HTML 25Page - Omron Electronics LLC V600-H11-R Datasheet HTML 26Page - Omron Electronics LLC V600-H11-R Datasheet HTML 27Page - Omron Electronics LLC V600-H11-R Datasheet HTML 28Page - Omron Electronics LLC V600-H11-R Datasheet HTML 29Page - Omron Electronics LLC V600-H11-R Datasheet HTML 30Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
26
Electromagnetic Coupling RFID System
V600
Mutual Interference between Data Carriers
When more than one Data Carrier is used, mutual interference between the DCs can be avoided by making sure that they are mounted apart at
the distances specified below.
Reading/Writing
V600-D23P53
R/W Head: V600-H52, V600-HS51 + V600-HA51, V600-HS61 +
V600-HA51
V600-D23P55
R/W Head: V600-H52, V600-HS51 + V600-HA51, V600-HS61 +
V600-HA51
V600-D23P66N
R/W Head: V600-H11
R/W Head: V600-H07
V600-D23P54
R/W Head: V600-H52, V600-HS51 + V600-HA51, V600-HS61 +
V600-HA51
V600-D23P61
R/W Head: V600-H11/-H51
V600-D23P66SP
R/W Head: V600-H11
R/W Head: 600-H07
V600-D23P72
R/W Head: V600-H11
R/W Head: V600-H07
V600-D23P71
R/W Head: V600-H07
40 mm min.
50 mm min.
140 mm min.
160 mm min.
45 mm min.
90 mm min.
140 mm min.
160 mm min.
170 mm min.
140 mm min.
210 mm min.
180 mm min.
290 mm min.
210 mm min.
Q124-E1-03.fm Page 26 Tuesday, May 30, 2006 5:22 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com