Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V600-H11-R Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # V600-H11-R
Description  Non-contact Data Communications System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V600-H11-R Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button V600-H11-R Datasheet HTML 4Page - Omron Electronics LLC V600-H11-R Datasheet HTML 5Page - Omron Electronics LLC V600-H11-R Datasheet HTML 6Page - Omron Electronics LLC V600-H11-R Datasheet HTML 7Page - Omron Electronics LLC V600-H11-R Datasheet HTML 8Page - Omron Electronics LLC V600-H11-R Datasheet HTML 9Page - Omron Electronics LLC V600-H11-R Datasheet HTML 10Page - Omron Electronics LLC V600-H11-R Datasheet HTML 11Page - Omron Electronics LLC V600-H11-R Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
8
Electromagnetic Coupling RFID System
V600
■ ID Controllers
Series
V600 Series
Item
Model
V600-CA5D02
V600-CD1D-V3
V600-CM1D
Host interface
RS-232C, RS-422, RS-485
RS-232C
Possible number of R/W
Heads
21
Power supply voltage
24 VDC
24 VDC
24 VDC, 5 VDC
Acceptable power supply
voltage
20.4 to 26.4 VDC
20.4 to 26.4 VDC
20.4 to 26.4 VDC
4.5 to 5.5 VDC
Power consumption
15 W max.
7.2 W max.
24 VDC: 7.2 W max.
5 VDC: 1.5 W max.
Insulation resistance
50 M
Ω min. (at 500 VDC) between power terminals and case, between I/O terminals and case, or between the power
supply terminals and I/O terminals
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min be-
tween the points listed above;
Leakage current: 10 mA max.
1,000 VAC, 50/60 Hz for 1 min between the points listed above;
Leakage current: 10 mA max.
Noise immunity
1,500-V (p-p) pulses of 100-ns to 1-
µs pulse width with a 1-ns rise time
Vibration
resistance
Destruction ---
10 to 150 Hz, 0.3-mm double amplitude for 32 min each in X, Y, and Z direc-
tions
Malfunction 10 to 150 Hz, 0.2-mm double ampli-
tude, 15 m/s2 acceleration 10 times for
8 min each in 3 directions
10 to 150 Hz, 0.2-mm double amplitude for 32 min each in X, Y, and Z direc-
tions
Shock
resistance
Destruction ---
Destruction: 200 m/s2 3 times each in X, Y, and Z directions (18 times total)
Malfunction 150 m/s2 3 times each in X, Y, and Z
directions (18 times total)
---
Ambient temperature
−10 to 55°C0 to 50°C
Ambient humidity
35% to 85% (with no condensation)
Operating conditions
No corrosive gases
Storage temperature
−25 to 65°C
−15 to 70°C
Memory back-up
A capacitor backs up the most recent
error data and statistical error data for
up to 20 days (at 25
°C) after a power
interruption.
Memory backup is not available. Error details, however, can be read from the
personal computer when the power is turned ON.
Diagnostic functions
Checks for CPU errors, memory errors, power interruptions, and transmission errors
Ground
Ground to 100
Ω or less.
Degree of protection
IEC 60529: IP30 (panel mounted)
Weight
Approx. 300 g
Approx 360 g
Approx. 180 g
Q124-E1-03.fm Page 8 Tuesday, May 30, 2006 5:22 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com