Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V600-H11-R Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # V600-H11-R
Description  Non-contact Data Communications System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V600-H11-R Datasheet(HTML) 3 Page - Omron Electronics LLC

  V600-H11-R Datasheet HTML 1Page - Omron Electronics LLC V600-H11-R Datasheet HTML 2Page - Omron Electronics LLC V600-H11-R Datasheet HTML 3Page - Omron Electronics LLC V600-H11-R Datasheet HTML 4Page - Omron Electronics LLC V600-H11-R Datasheet HTML 5Page - Omron Electronics LLC V600-H11-R Datasheet HTML 6Page - Omron Electronics LLC V600-H11-R Datasheet HTML 7Page - Omron Electronics LLC V600-H11-R Datasheet HTML 8Page - Omron Electronics LLC V600-H11-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Electromagnetic Coupling RFID System
V600
3
■ Accessories (Order Separately)
■ RS-232C Cables (Order
Separately)
■ Connectors for ID Controllers
(One Set per Unit)
Item
Model
Specifications/Design
Extension cable for
R/W Heads
V600-A45
Standard cable
Non-water-resistant connectors
3-m cable
V600-A44
5-m cable
V600-A40
10-m cable
V600-A41
20-m cable
V600-A42
30-m cable
V600-A56
Robotic cable
Non-water-resistant connectors
3-m cable
V600-A55
5-m cable
V600-A50
10-m cable
V600-A51
20-m cable
V600-A52
30-m cable
Holder
V600-A81
For the V600-D2KR16
*Mount with M3 flat countersunk head screws (at least two).
V600-A84
For the V600-D23P71/D23P72
Ultrasonic deposition can be used on the plastic container.
Attachment
V600-A86
For the V600-D23P66N
Model
Cable length
Compatible ID Controllers
XW2Z-200S
2 m
XW2Z-500S
5 m
V600-CD1D-V3
V600-CM1D
Model
Name
Compatible ID Controllers
XM2A-0901
Connector
Plug
XM2S-0911
Connector
Hood
MC1.5/5-STF-3.5
(made by Phoenix
Contact)
RS-422/
RS-485
communica-
tions
connector
V600-CA5D02
V600-CD1D-V3
V600-CM1D
Q124-E1-03.fm Page 3 Tuesday, May 30, 2006 5:22 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com