Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V600-H11-R Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # V600-H11-R
Description  Non-contact Data Communications System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V600-H11-R Datasheet(HTML) 4 Page - Omron Electronics LLC

  V600-H11-R Datasheet HTML 1Page - Omron Electronics LLC V600-H11-R Datasheet HTML 2Page - Omron Electronics LLC V600-H11-R Datasheet HTML 3Page - Omron Electronics LLC V600-H11-R Datasheet HTML 4Page - Omron Electronics LLC V600-H11-R Datasheet HTML 5Page - Omron Electronics LLC V600-H11-R Datasheet HTML 6Page - Omron Electronics LLC V600-H11-R Datasheet HTML 7Page - Omron Electronics LLC V600-H11-R Datasheet HTML 8Page - Omron Electronics LLC V600-H11-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4
Electromagnetic Coupling RFID System
V600
Specifications
■ Battery-less Data Carriers with Small Memory Capacity
Note: The 150
°C heat resistance was confirmed by leaving the Unit at 150°C for 1,000 continuous hours, and by a thermal shock test consisting
of 1,000
−10°C/150°C cycles of 30 min each. No defect was found among the 22 test samples.
Shape
Ultrathin
Card-type
Ultrathin
Half-size
Card-type
Rectangular
Compact
Chemical-
resistant
Rectangular
Compact
Round
Super-
compact
Round
Compact
Round
Super-
compact
Item
Model
V600-
D23P71
V600-
D23P72
V600-
D23P66N
V600-
D23P66SP
V600-
D23P61
V600-
D23P53
V600-
D23P54
V600-
D23P55
Memory capacity
254 bytes
Memory type
EEPROM (non-volatile memory)
Transmission distance
Refer to “Transmission Distance Specifications for Battery-less Data Carriers with Small Memory Capacity” on
page 10.
Data retention time
(after writing data)
10 years
10 years (
−40
to 110
°C)
1 year (
−40 to
150
°C)
10 years
10 years (
−40
to 110
°C)
1 year (
−40 to
150
°C)
Number of
overwrites
(per address)
(Refer to
separate
item for
ambient
temperature)
Up to 0
°C 800,000 times
Up to
25
°C
400,000 times
Up to
60
°C
300,000 times
Up to
85
°C
100,000 times
Transmission error
detection
16-bit CRC in both directions (CRC: Cyclic Redundancy Check)
Ambient
temperature
For data
storage
−20 to 110°C
−40 to 150°C
(See note.)
−40 to 110°C −40 to 85°C
−40 to 150°C
(See note.)
For
reading/
writing
−10 to 70°C
−20 to 85°C −20 to 70°C −25 to 70°C
−25 to 85°C
Storage temperature
−20 to 110°C
−40 to 150°C
(See note.)
−40 to 110°C −40 to 85°C
−40 to 150°C
(See note.)
Ambient humidity
Operating: 35% to 95%
Degree of protection
IEC 60529: IP67
IEC 60529:
IP68
IEC 60529:
IP67
IEC 60529: IP67
IEC 60529:
IP67
Vibration resistance
(destruction)
10 to 2,000 Hz, 3.0-mm
double amplitude, 300 m/s2
acceleration for 30 min
each in 3 directions (90 min
total)
10 to 2,000 Hz,
1.5-mm double
amplitude,
150 m/s2 accel-
eration 10
times each in 3
directions (15
min)
10 to 2,000 Hz, 3.0-mm double amplitude, 300 m/s2 accel-
eration for 30 min each in 3 directions (90 min total)
10 to 2,000 Hz,
1.5-mm double
amplitude,
150 m/s2 accel-
eration 10
times each in 3
directions (15
min)
Shock resistance
(destruction)
1,000 m/s2 3 times each in 3
directions (18 times total)
500 m/s2 3
times each in 3
directions (18
times total)
1,000 m/s2 3 times each in 3 directions (18 times total)
500 m/s2 3
times each in 3
directions (18
times total)
Weight
Approx. 15 g Approx. 5 g
Approx 6.5 g Approx. 19 g Approx. 5.8 g Approx. 0.4 g Approx. 1.0 g Approx. 0.6 g
Q124-E1-03.fm Page 4 Tuesday, May 30, 2006 5:22 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com