Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V600-H11-R Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # V600-H11-R
Description  Non-contact Data Communications System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V600-H11-R Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button V600-H11-R Datasheet HTML 12Page - Omron Electronics LLC V600-H11-R Datasheet HTML 13Page - Omron Electronics LLC V600-H11-R Datasheet HTML 14Page - Omron Electronics LLC V600-H11-R Datasheet HTML 15Page - Omron Electronics LLC V600-H11-R Datasheet HTML 16Page - Omron Electronics LLC V600-H11-R Datasheet HTML 17Page - Omron Electronics LLC V600-H11-R Datasheet HTML 18Page - Omron Electronics LLC V600-H11-R Datasheet HTML 19Page - Omron Electronics LLC V600-H11-R Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
16
Electromagnetic Coupling RFID System
V600
Note: 1. When Data Carriers are flush-mounted in metal, the read/
write distance will depend on the distance (x) between the
side of the DC and the metal surface.
2. Use the following method for flush mounting into a metallic
base.
V600-D8KR04
(unsealed)
V600-H07
Stationary
Flush-mount-
ed in metal
Irrelevant
See note1.
The listed transmission distances
also apply for installation on non-
metallic surfaces. Refer to the V600
R/W Heads and SRAM Data Carri-
ers Operation Manual (Cat. No.
Z127) for details.
Surface-
mounted on
metal
10 to 100 mm (max.
axial offset ±10 mm)
Moving
Flush-mount-
ed in metal
See note1.
Surface-
mounted on
metal
50 to 100 mm (max.
axial offset ±10 mm)
V600-H11
Stationary
Flush-mount-
ed in metal
Irrelevant
See note1.
Surface-
mounted on
metal
10 to 65 mm (max. axi-
al offset ±10 mm)
Moving
Flush-mount-
ed in metal
See note1.
Surface-
mounted on
metal
30 to 65 mm (max. axi-
al offset ±10 mm)
V600-D8KF04
V600-H07
Stationary
Flush-mount-
ed in metal
Irrelevant
See note1.
Surface-
mounted on
metal
10 to 50 mm (max. axi-
al offset ±10 mm)
Moving
Flush-mount-
ed in metal
See note1.
Surface-
mounted on
metal
25 to 50 mm (max. axi-
al offset ±10 mm)
V600-H11
Stationary
Flush-mount-
ed in metal
Irrelevant
See note1.
Surface-
mounted on
metal
10 to 32 mm (max. axi-
al offset ±10 mm)
Moving
Flush-mount-
ed in metal
See note1.
Surface-
mounted on
metal
15 to 32 mm (max. axi-
al offset ±10 mm)
V600-D2KR16
V600-H11
Stationary
Flush-mount-
ed in metal
Irrelevant
2 to 15 mm (max. axial
offset ±10 mm) (See
note 2.)
Surface-
mounted on
metal
2 to 15 mm (max. axial
offset ±10 mm)
Moving
Flush-mount-
ed in metal
6 to 15 mm (max. axial
offset ±10 mm) (See
note 2.)
Surface-
mounted on
metal
10 to 15 mm (max. axi-
al offset ±10 mm)
Recommended combinations
Installation
Controller
mode
Transmission
distance
Condition for DC and R/W head
installation
Data Carrier
R/W Head
Flush-mounted
mm
mm
20 mm max.
Metal
Refer to the V600 R/W
Heads and SRAM Data
Carriers Operation Manual
(Cat. No. Z127) for details.
Flush-mounted
10 mm min.
10 mm min.
Metal
Q124-E1-03.fm Page 16 Tuesday, May 30, 2006 5:22 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com