Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V600-H11-R Datasheet(PDF) 30 Page - Omron Electronics LLC

Part # V600-H11-R
Description  Non-contact Data Communications System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V600-H11-R Datasheet(HTML) 30 Page - Omron Electronics LLC

Back Button V600-H11-R Datasheet HTML 26Page - Omron Electronics LLC V600-H11-R Datasheet HTML 27Page - Omron Electronics LLC V600-H11-R Datasheet HTML 28Page - Omron Electronics LLC V600-H11-R Datasheet HTML 29Page - Omron Electronics LLC V600-H11-R Datasheet HTML 30Page - Omron Electronics LLC V600-H11-R Datasheet HTML 31Page - Omron Electronics LLC V600-H11-R Datasheet HTML 32Page - Omron Electronics LLC V600-H11-R Datasheet HTML 33Page - Omron Electronics LLC V600-H11-R Datasheet HTML 34Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
30
Electromagnetic Coupling RFID System
V600
R/W Heads
V600-H07
V600-H11
V600-H51
V600-HS51 (Sensor Section)
V600-H52
V600-HS61 (Sensor Section)
50
5
5
100
90±0.2
Four, 4.5-dia.
mounting holes
100
90
±0.2
50
14
Power indicator
(green)
Transmission
indicators
(orange)
10
10
25
43
Connector
14.7 dia.
Bushing
Vinyl-insulated
round cord
(6-mm dia.)
30
20
11
Case: ABS resin
Filler: Epoxy resin
Cable: PVC (oil-resistant)
23
11
5
Power (green)/transmission
(orange) indicators
5
4-R1
40
28
2-R5
Two, 4.5-dia. mounting holes
10
Bushing
14.7 dia.
43
Vinyl-insulated round cord (6-mm dia.)
Connector
27
53
6
20
18
13
5
Accessories: Two brackets
for rear panel mounting
Case: ABS resin
Filler: Epoxy resin
Cable: PVC (oil-resistant)
19.8 dia.
7
62.5
M22X1
2 lock washers
2 lock nuts
Power (green)/transmission (orange) indicators
Vinyl-insulated round cord (6-mm dia.)
Connector
(66)
(72)
80
43
14.7 dia.
Case: Brass
Transmission window: ABS resin
Filler: Epoxy resin
Cable: PVC (oil-resistant)
33
35
49.5
7
M12X1
2 lock washers
2 lock nuts
Vinyl-insulated round cord
(4-mm dia.)
Connector
9.6 dia.
13.7 dia.
Case: Brass
Transmission window: ABS resin
Filler: Epoxy resin
Cable: PVC (oil-resistant)
12 dia.
12
67.5
M22X1
2 lock washers
2 lock nuts
Power (green)/transmission (orange) indicators
Vinyl-insulated round cord (6-mm dia.)
Connector
(71)
(77)
85
43
14.7 dia.
Case: Brass
Transmission window: ABS resin
Filler: Epoxy resin
Cable: PVC (oil-resistant)
30.5
18
4.5
8.5 12±0.1
49.5
18
10
13.7 dia.
Transmission surface
Connector
Vinyl-insulated round cord
(4-mm dia.)
6.5
Two, 3.5x5
mounting holes
Case: ABS resin
Filler: Epoxy resin
Cable: PVC (oil-resistant)
Q124-E1-03.fm Page 30 Tuesday, May 30, 2006 5:22 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com