Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V600-H11-R Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # V600-H11-R
Description  Non-contact Data Communications System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V600-H11-R Datasheet(HTML) 2 Page - Omron Electronics LLC

  V600-H11-R Datasheet HTML 1Page - Omron Electronics LLC V600-H11-R Datasheet HTML 2Page - Omron Electronics LLC V600-H11-R Datasheet HTML 3Page - Omron Electronics LLC V600-H11-R Datasheet HTML 4Page - Omron Electronics LLC V600-H11-R Datasheet HTML 5Page - Omron Electronics LLC V600-H11-R Datasheet HTML 6Page - Omron Electronics LLC V600-H11-R Datasheet HTML 7Page - Omron Electronics LLC V600-H11-R Datasheet HTML 8Page - Omron Electronics LLC V600-H11-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2
Electromagnetic Coupling RFID System
V600
■ R/W Heads
■ ID Controllers
Item
Model
Specifications/Design
Rectangular type
V600-H07 (0.5 m)
Dimensions: 100
× 100 × 30 mm
0.5-m cable
V600-H07 (2 m)
2-m cable
V600-H07 (5 m)
5-m cable
V600-H07 (10 m)
10-m cable
V600-H11 (0.5 m)
Dimensions: 53
× 40 × 23 mm
0.5-m cable
V600-H11-R (0.5 m)
0.5-m cable
V600-H11 (2 m)
2-m cable
V600-H11 (5 m)
5-m cable
V600-H11 (10 m)
10-m cable
Cylinder type
V600-H51 (0.5 m)
Dimensions: 22 dia.
× 80 mm
0.5-m cable
V600-H51 (2 m)
2-m cable
V600-H51 (5 m)
5-m cable
V600-H51 (10 m)
10-m cable
V600-H52 (0.5 m)
Dimensions: 22 dia.
× 85 mm
0.5-m cable
V600-H52 (2 m)
2-m cable
V600-H52 (5 m)
5-m cable
V600-H52 (10 m)
10-m cable
Separate-amplifier
type
Amplifier
section
V600-HA51 (2 m)
73.8
× 22.6 × 36.5 mm, with 2-m cable
V600-HA51 (5 m)
73.8
× 22.6 × 36.5 mm, with 5-m cable
V600-HA51 (10 m)
73.8
× 22.6 × 36.5 mm, with 10-m cable
Sensor
section
V600-HS51
12 dia.
× 35 mm deep, with 2-m cable
V600-HS61
30.5
× 18 × 10 mm, with a 2-m cable
Item
Model
Specifications/Design
DC Power Supply
V600-CA5D02
24 VDC
Two R/W Head channels
105
× 90 × 65 mm
Host RS-232C, RS-422,
and RS-485 interfaces
V600-CD1D-V3
24 VDC
Single R/W Head connect-
able
115
× 68 × 80 mm
RS-232C host interface
V600-CM1D
24-VDC, 5-VDC 2-system
input
Single R/W Head connect-
able
Board type
DC Power Supply
V600-IDSC02
24 VDC
RS-232C interface
Two R/W Heads connect-
able
V600-IDSC04
Four R/W Heads connect-
able
POWER
POWER
DC24V
DC24V
INPUT
INPUT
MAON
MAON
No.
No.
X10
X10
HEAD1
HEAD1
HEAD2
HEAD2
OUT
OUT
IN
IN
1
2
3
4
5
1
2
3
TEST
TEST
ON
ON
POWER
POWER
DC24V
DC24V
INPUT
INPUT
MAON
MAON
No.
No.
X10
X10
HEAD1
HEAD1
HEAD2
HEAD2
HEAD1
HEAD1
HEAD2
HEAD2
MAON
MAON
No.
No.
X10
X10
OUT
OUT
IN
IN
1
2
3
4
5
1
2
3
TEST
TEST
ON
ON
TEST
TEST
ON
ON
Q124-E1-03.fm Page 2 Tuesday, May 30, 2006 5:22 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com