Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686IPZP Datasheet(HTML) 36 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 32Page - Texas Instruments DAC5686IPZP Datasheet HTML 33Page - Texas Instruments DAC5686IPZP Datasheet HTML 34Page - Texas Instruments DAC5686IPZP Datasheet HTML 35Page - Texas Instruments DAC5686IPZP Datasheet HTML 36Page - Texas Instruments DAC5686IPZP Datasheet HTML 37Page - Texas Instruments DAC5686IPZP Datasheet HTML 38Page - Texas Instruments DAC5686IPZP Datasheet HTML 39Page - Texas Instruments DAC5686IPZP Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
www.ti.com
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
Register Name: config_usb
MSB
LSB
dualclk
DDS_gain[1:0]
rspect
qflag
pll_rng[1:0]
rev_bbus
0
0
0
0
0
0
0
0
dualclk: When asserted, the DAC5686 uses both clock inputs; CLK1/CLK1C is the input data clock and
CLK2/CLK2C is the DAC output clock. These two clocks must be phase-aligned within
±500 ps to function
properly. When deasserted, CLK2/CLK2C is the DAC output clock and is divided down to generate the input data
clock, which is output on PLLLOCK. Dual clock mode is only available when PLLVDD = 0.
DDS_gain[1:0]: Controls the gain of the DDS so that the overall gain of the DDS is unity. It is important to
ensure that max(abs(cos(
ωt) + sin(ωt))) < 1. At different frequencies, the summation produces different maximum
outputs and must be reduced. The simplest is fs/4 mode where the maximum is 1 and the gain multiply should
be 1 to maintain unity. However, due to the fact that the digital logic does a divide-by-two in this summation, the
gain necessary to achieve unity must be double (DDS_gain[1:0] = 01). Table 9 shows the digital gain necessary
and the actual signal gain needed to make the above equation have a maximum value of 1.
Table 9. Digital Gain for DDS
DDS_gain [1:0]
DIGITAL GAIN
SIGNAL GAIN FOR UNITY
00
1.40625
0.703125
01
2
1
10
1.59375
0.7936
11
1.40625
0.703125
rspect: When asserted, the sin term is negated before being used in mixing. This gives the reverse spectrum in
single-sideband mode.
qflag: When asserted, the QFLAG pin is used during interleaved data input mode to identify the Q sample. When
deasserted, the TXENABLE pin transition is used to start an internal toggling signal, which is used to interpret
the interleaved data sequence; the first sample clocked into the DAC5686 after TXENABLE goes high is routed
through the A data path.
PLL_rng[1:0]: Increases the PLL VCO VtoI current, summarized in Table 10. See Figure 17 for the effect on
VCO gain and range.
Table 10. PLL VCO Vtol Current Increase
PLL_rng[1:0]
VtoI CURRENT INCREASE
00
nominal
01
15%
10
30%
11
45%
rev_bbus[1:0]: When asserted, pin 92 changes from DB15 to DB0, pin 91 changes from DB14 to DB1, etc.,
reversing the order of the DB[15:0] pins.
Register Name: daca_offset_lsb (2s complement)
MSB
LSB
daca_offset[7:0]
0
0
0
0
0
0
0
0
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com