Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686IPZP Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 24Page - Texas Instruments DAC5686IPZP Datasheet HTML 25Page - Texas Instruments DAC5686IPZP Datasheet HTML 26Page - Texas Instruments DAC5686IPZP Datasheet HTML 27Page - Texas Instruments DAC5686IPZP Datasheet HTML 28Page - Texas Instruments DAC5686IPZP Datasheet HTML 29Page - Texas Instruments DAC5686IPZP Datasheet HTML 30Page - Texas Instruments DAC5686IPZP Datasheet HTML 31Page - Texas Instruments DAC5686IPZP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
www.ti.com
DA[15:0]
ts(DATA)
th(DATA)
A0
B0
A1
AN
BN
B1
QFLAG
CLK1 or
PLLLOCK
T0001-01
Clock Synchronization Using the PHSTR Pin in External Clock Mode
CLK2
PLLLOCK
CLK2C
T0003-01
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
Figure 33. Interleave Bus Mode Timing Diagram Using QFLAG
The dual-clock mode is selected by setting dualclk high in the config_usb register. In this mode, the DAC5686
uses both clock inputs; CLK1/CLK1C is the input data clock, and CLK2/CLK2C is the external clock. The edges
of the two input clocks must be phase-aligned within
±500 ps to function properly.
In external clock mode, the DAC5686 is clocked at the DAC output sample frequency (CLK2 and CLK2C). For an
interpolation rate N, there are N possible phases for the DAC input clock on the PLLLOCK pin (see Figure 34 for
N = 4).
Figure 34. Four Possible PLLLOCK Phases for N = 4 in External Clock Mode
To synchronize PLLLOCK input clocks across multiple DAC5686 chips, a sync signal on the PHSTR pin is used.
During configuration of the DAC5686 chips, address sync_phstr in config_msb is set high to enable the
PHSTR input pin as a sync input to the clock dividers generating the input clock. A simultaneous low-to-high
transition on the PHSTR pin for each DAC5686 then forces the input clock on PLLLOCK to start in phase on
each DAC. See Figure 35.
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com