Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686IPZP Datasheet(HTML) 20 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 16Page - Texas Instruments DAC5686IPZP Datasheet HTML 17Page - Texas Instruments DAC5686IPZP Datasheet HTML 18Page - Texas Instruments DAC5686IPZP Datasheet HTML 19Page - Texas Instruments DAC5686IPZP Datasheet HTML 20Page - Texas Instruments DAC5686IPZP Datasheet HTML 21Page - Texas Instruments DAC5686IPZP Datasheet HTML 22Page - Texas Instruments DAC5686IPZP Datasheet HTML 23Page - Texas Instruments DAC5686IPZP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
www.ti.com
FIR1
FIR2
FIR3
FIR4
IOUTB1
IOUTB2
16-Bit
DAC
DA[15:0]
DB[15:0]
2 – 16 y Fdata
Fdata
y2
B Gain
B
Offset
FIR1
FIR2
FIR3
FIR4
y2
y2
y2
y2
y2
y2
y2
FIR5
x
sin(x)
+
+/−
cos
sin
sin
cos
DEMUX
Serial Interface
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
DETAILED DESCRIPTION (continued)
NCO mixing frequencies are programmed through 32-bit freq (4 registers); 16-bit phase adjustments are
programmed through phase (2 registers). The NCO operates at the DAC update rate; thus, increased amounts
of interpolation allow for higher IFs. More details for the NCO are provided in the NCO section. For mixing to
Fdac/4, the DAC5686 provides a specific architecture that exploits the {… –1 0 1 0 …} resultant streams from sin
and cos; the NCO is shut off in this mode to conserve power. Fdac/4 mix mode is implemented by deasserting
nco in register config_msb while in single-sideband or quadrature modulation mode.
Figure 23. Data Path in Quadrature Modulation Mode
In quadrature modulation mode, only one output from the complex mixer stage is routed to the B DAC. The
output can be expressed as:
B(t) = I(t)sin(
ω
ct) + Q(t)cos(ωct)
or
B(t) = I(t)cos(
ω
ct) – Q(t)sin(ωct)
Single-sideband up-conversion is achieved when I and Q are Hilbert transform pairs. Upper- or lower-sideband
up-conversion is selected by ssb in the config_msb register, which selects the output from the mixer stage that
is routed out.
The offset and gain features for the B DAC, as previously described, are functional in the quadrature mode.
The serial port of the DAC5686 is a flexible serial interface that communicates with industry-standard
microprocessors and microcontrollers. The interface provides read/write access to all registers used to define the
operating modes of the DAC5686. It is compatible with most synchronous transfer formats and can be configured
as a 3- or 4-pin interface by sif4 in register config_msb. In both configurations, SCLK is the serial-interface
input clock and SDENB is the serial-interface enable. For the 3-pin configuration, SDIO is a bidirectional pin for
both data-in and data-out. For the 4-pin configuration, SDIO is data-in only and SDO is data-out only.
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com