Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686IPZP Datasheet(HTML) 37 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 33Page - Texas Instruments DAC5686IPZP Datasheet HTML 34Page - Texas Instruments DAC5686IPZP Datasheet HTML 35Page - Texas Instruments DAC5686IPZP Datasheet HTML 36Page - Texas Instruments DAC5686IPZP Datasheet HTML 37Page - Texas Instruments DAC5686IPZP Datasheet HTML 38Page - Texas Instruments DAC5686IPZP Datasheet HTML 39Page - Texas Instruments DAC5686IPZP Datasheet HTML 40Page - Texas Instruments DAC5686IPZP Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
www.ti.com
I
fullscale
+
16 V
extio
R
biasj
(GAINCODE ) 1)
16
B 1 *
FINEGAIN
3072
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
daca_offset[7:0]: The lower 8 bits of the DACA offset
Register Name: daca_gain_lsb (2s complement)
MSB
LSB
daca_gain[7:0]
0
0
0
0
0
0
0
0
daca_gain[7:0]: The lower 8 bits of the DACA gain control register. These lower 8 bits are for fine gain control.
This word is a 2s complement value that adjusts the full-scale output current over an approximate 4% to –4%
range.
Register Name: daca_offset_gain_msb (2s complement)
MSB
LSB
daca_offset[10:8]
sleepa
daca_gain[11:8]
0
0
0
0
0
0
0
0
daca_offset[10:8]: The upper 3 bits of the DACA _offset
sleepa: When asserted, DACA is put into the sleep mode.
daca_gain[11:8]: Coarse gain control for DACA; the full-scale output current is:
where GAINCODE is the decimal equivalent of daca_gain [11:8] {0
…15} and the FINEGAIN is daca_gain [1:0] as
2s complement [–127
…128].
Register Name: dacb_offset_lsb (2s complement)
MSB
LSB
dacb_offset[7:0]
0
0
0
0
0
0
0
0
dacb_offset[7:0]: The lower 8 bits of the DACB offset
Register Name: dacb_gain_lsb (2s complement)
MSB
LSB
dacb_gain[7:0]
0
0
0
0
0
0
0
0
dacb_gain[7:0]: The lower 8 bits of the DACB gain control register. These lower 8 bits are for fine gain control.
This word is a 2s complement value that adjusts the full-scale output current over an approximate 4% to –4%
range.
Register Name: dacb_offset_gain_msb (2s complement)
MSB
LSB
dacb_offset[10:8]
sleepb
dacb_gain[11:8]
0
0
0
0
0
0
0
0
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com