Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686IPZP Datasheet(HTML) 38 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 34Page - Texas Instruments DAC5686IPZP Datasheet HTML 35Page - Texas Instruments DAC5686IPZP Datasheet HTML 36Page - Texas Instruments DAC5686IPZP Datasheet HTML 37Page - Texas Instruments DAC5686IPZP Datasheet HTML 38Page - Texas Instruments DAC5686IPZP Datasheet HTML 39Page - Texas Instruments DAC5686IPZP Datasheet HTML 40Page - Texas Instruments DAC5686IPZP Datasheet HTML 41Page - Texas Instruments DAC5686IPZP Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
www.ti.com
I
fullscale
+
16 V
extio
R
biasj
(GAINCODE ) 1)
16
B 1 *
FINEGAIN
3072
DIGITAL INPUTS
DA[15:0]
DB[15:0]
SLEEP
PHSTR
TxENABLE
QFLAG
SDIO
SCLK
SDENB
Internal
Digital In
IOVDD
IOGND
RESETB
Internal
Digital In
IOVDD
IOGND
CLOCK INPUT AND TIMING
CLK
Internal
Digital In
CLKC
CLKGND
R1
10 k
CLKVDD
R1
10 k
R2
10 k
R2
10 k
CLKVDD
CLKVDD
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
dacb_offset[10:8]: The upper 3 bits of the DACA _offset
sleepb: When asserted, DACB is put into the sleep mode.
dacb_gain[11:8]: Coarse gain control for DACB; the full-scale output current is:
where GAINCODE is the decimal equivalent of dacb_gain [11:8] {0
…15} and the FINEGAIN is dacb_gain [1:0] as
2s complement [–127
…128].
Figure 42 shows a schematic of the equivalent CMOS digital inputs of the DAC5686. DA[0:15], DB[0:15], SLEEP,
PHSTR, TxENABLE, QFLAG, SDIO, SCLK, and SDENB have pulldown resistors and RESETB has a pullup
resistor internal to the DAC5686. See the specification table for logic thresholds.
Figure 42. CMOS/TTL Digital Equivalent Input
Figure 43 shows an equivalent circuit for the clock input.
Figure 43. Clock Input Equivalent Circuit
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com