Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686IPZP Datasheet(HTML) 19 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 15Page - Texas Instruments DAC5686IPZP Datasheet HTML 16Page - Texas Instruments DAC5686IPZP Datasheet HTML 17Page - Texas Instruments DAC5686IPZP Datasheet HTML 18Page - Texas Instruments DAC5686IPZP Datasheet HTML 19Page - Texas Instruments DAC5686IPZP Datasheet HTML 20Page - Texas Instruments DAC5686IPZP Datasheet HTML 21Page - Texas Instruments DAC5686IPZP Datasheet HTML 22Page - Texas Instruments DAC5686IPZP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
www.ti.com
Complex Input
Spectrums
to Quadrature
Modulator
0
ω
ω
c
ω
c
0
ω
0
ω
0
ω
0
ω
rspect = 0
ssb = 0
rspect = 1
ssb = 0
rspect = 1
ssb = 1
rspect = 0
ssb = 1
Complex Input
Spectrum
to DAC5686
ω
c
ω
c
ω
c
ω
c
ω
c
ω
c
DAC Gain and Offset Control
Quadrature Modulation Mode
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
DETAILED DESCRIPTION (continued)
Figure 22. Spectrum After First and Second Up-Converson for Complex Input
To compensate for the sinx/x rolloff of the zero-order hold of the DACs, the DAC5686 provides an inverse sinc
FIR, which provides high-frequency boost. The magnitude spectral response of this filter is presented in the
Digital Filters section.
Unmatched gains and offsets at the RF quadrature modulator result in unwanted sideband and local-oscillator
feedthrough. Gain and offset imbalances between the two DACs are compensated for by programming
daca_gain, dacb_gain, daca_offset, and dacb_offset in registers 0x0A through 0x0F (see the following
register descriptions). The DAC gain value controls the full-scale output current. The DAC offset value adds a
digital offset to the digital data before digital-to-analog conversion. Care must be taken when using the offset by
restricting the dynamic range of the digital signal to prevent saturation when the offset value is added to the
digital signal.
In quadrature modulation mode, on-chip mixing of complex I and Q inputs provides the final baseband-to-IF
up-conversion. Quadrature modulation mode is selected by mode[1:0] = 10 in the config_lsb register. Figure 23
shows the data path architecture in quadrature modulation mode. Complex baseband I and Q from the
ASIC/FPGA are input to the DAC5686, which in turn quadrature modulates I and Q to produce the final IF
single-sideband spectrum. DAC A is held constant, while DAC B presents the DAC5686 quadrature modulator
mode output.
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com