Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686IPZP Datasheet(HTML) 44 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 38Page - Texas Instruments DAC5686IPZP Datasheet HTML 39Page - Texas Instruments DAC5686IPZP Datasheet HTML 40Page - Texas Instruments DAC5686IPZP Datasheet HTML 41Page - Texas Instruments DAC5686IPZP Datasheet HTML 42Page - Texas Instruments DAC5686IPZP Datasheet HTML 43Page - Texas Instruments DAC5686IPZP Datasheet HTML 44Page - Texas Instruments DAC5686IPZP Datasheet HTML 45Page - Texas Instruments DAC5686IPZP Datasheet HTML 46Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
www.ti.com
C1 + t1 1 *
t
2
t
3
C2 +
t
1 * t2
t
3
R +
t
32
t
1(t3 * t2)
t1 +
K
dKVCO
w2
d
(
tan f
d
) sec fd)
t2 +
1
w
d(tan fd
) sec fd)
t3 +
tan f
d
) sec fd
wd
H(s) +
K
VCOKd(1 ) sRC1)
s3RC1C2 ) s
2(C1 ) C2)
f − Frequency − MHz
0.01
0.1
1
100
10
60
40
20
0
−20
−40
−60
N = 2, 4, 8, 16, 32
−180
−160
−140
−120
−100
f − Frequency − MHz
0.01
0.1
1
100
10
G005
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
DAC5686 EVALUATION BOARD (continued)
Then
where
Example:
φ
d = 70°, ωd = 1 MHz, GVCO = 300e6 MHz/A
N
R (
Ω)
C1 (
µF)
C2 (pF)
2
43
0.02
670
4
86
0.01
335
8
173
0.005
167
16
346
0.002
84
32
692
0.001
42
The calculated phase margin and loop bandwidth can be verified by plotting the gain and phase of the open-loop
transfer function given by
Figure 51 shows the open-loop gain and phase for the DAC5686 evaluation-board loop filter.
Figure 51. Open-Loop Phase and Gain Plots for DAC5686 Evaluation Board
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com