Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686IPZP Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 8Page - Texas Instruments DAC5686IPZP Datasheet HTML 9Page - Texas Instruments DAC5686IPZP Datasheet HTML 10Page - Texas Instruments DAC5686IPZP Datasheet HTML 11Page - Texas Instruments DAC5686IPZP Datasheet HTML 12Page - Texas Instruments DAC5686IPZP Datasheet HTML 13Page - Texas Instruments DAC5686IPZP Datasheet HTML 14Page - Texas Instruments DAC5686IPZP Datasheet HTML 15Page - Texas Instruments DAC5686IPZP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
www.ti.com
f – Frequency – MHz
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
0
50
100
150
200
250
fdata = 125 MSPS
fIN = 20 MHz
Dual DAC Mode
4y Interpolation
50
55
60
65
70
75
80
85
90
10
15
20
25
30
35
40
45
50
fO – Output Frequency – MHz
fdata = 125 MSPS
Dual DAC Mode
4y Interpolation
In-band = 0–62.5 MHz
0 dBfS
–12 dBfS
–6 dBfS
fO – Output Frequency – MHz
40
45
50
55
60
65
70
75
80
10
15
20
25
30
35
40
45
50
fdata = 125 MSPS
Dual DAC Mode
4y Interpolation
Out-of-Band = 62.5 MHz–250 MHz
0 dBfS
–12 dBfS
–6 dBfS
f – Frequency – MHz
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
0
25
50
75
100
125
150
fdata = 75 MSPS
fIN = None
NCO On
fOUT = 100 MHz
Quad Mode
4y Interpolation
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
TYPICAL CHARACTERISTICS (continued)
IN-BAND SPURIOUS-FREE DYNAMIC RANGE
vs
SINGLE-TONE SPECTRUM
OUTPUT FREQUENCY
Figure 3.
Figure 4.
OUT-OF-BAND SPURIOUS-FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY
SINGLE-TONE SPECTRUM
Figure 5.
Figure 6.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com