Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686IPZP Datasheet(HTML) 41 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 37Page - Texas Instruments DAC5686IPZP Datasheet HTML 38Page - Texas Instruments DAC5686IPZP Datasheet HTML 39Page - Texas Instruments DAC5686IPZP Datasheet HTML 40Page - Texas Instruments DAC5686IPZP Datasheet HTML 41Page - Texas Instruments DAC5686IPZP Datasheet HTML 42Page - Texas Instruments DAC5686IPZP Datasheet HTML 43Page - Texas Instruments DAC5686IPZP Datasheet HTML 44Page - Texas Instruments DAC5686IPZP Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
www.ti.com
Analog Current Outputs
IOUT1
IOUT2
S(1)
S(1)C
RLOAD
RLOAD
S(2)
S(2)C
S(N)
S(N)C
AVDD
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
CLOCK INPUT AND TIMING (continued)
CEXT of 0.1 µF should be connected externally to terminal EXTIO for compensation. The band-gap reference
additionally can be used for external reference operation. In that case, an external buffer with a high-impedance
input should be used in order to limit the band-gap load current to a maximum of 100 nA. The internal reference
can be disabled and overridden by an external reference by connecting EXTLO to AVDD. Capacitor CEXT may
hence be omitted. Terminal EXTIO serves as either input or output node.
The full-scale output current can be adjusted from 20 mA down to 2 mA by varying resistor RBIAS or changing the
externally applied reference voltage. The internal control amplifier has a wide input range supporting the
full-scale output current range of 20 dB.
Figure 47 shows a simplified schematic of the current source array with corresponding switches. Differential
switches direct the current of each individual NMOS current source to either the positive output node IOUT1 or
its complementary negative output node IOUT2. The output impedance is determined by the stack of the current
sources and differential switches, and is typically >300 k
Ω in parallel with an output capacitance of 5 pF.
The external output resistors are terminated to AVDD. The maximum output compliance at nodes IOUT1 and
IOUT2 is limited to AVDD + 0.5 V, determined by the CMOS process. Beyond this value, transistor breakdown
can occur, resulting in reduced reliability of the DAC5686 device. The minimum output compliance voltage at
nodes IOUT1 and IOUT2 equals AVDD – 0.5 V. Exceeding the minimum output compliance voltage adversely
affects distortion performance and integral nonlinearity. The optimum distortion performance for a single-ended
or differential output is achieved when the maximum full-scale signal at IOUT1 and IOUT2 does not exceed
0.5 V.
Figure 47. Equivalent Analog Current Output
The DAC5686 can be easily configured to drive a doubly terminated 50-
Ω cable using a properly selected RF
transformer. Figure 48 and Figure 49 show the 50-
Ω doubly terminated transformer configuration with 1:1 and
4:1 impedance ratios, respectively. Note that the center tap of the primary input of the transformer must be
connected to AVDD to enable a dc current flow. Applying a 20-mA full-scale output current would lead to a
0.5-Vpp output for a 1:1 transformer and a 1-Vpp output for a 4:1 transformer.
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com