Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686IPZP Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 2Page - Texas Instruments DAC5686IPZP Datasheet HTML 3Page - Texas Instruments DAC5686IPZP Datasheet HTML 4Page - Texas Instruments DAC5686IPZP Datasheet HTML 5Page - Texas Instruments DAC5686IPZP Datasheet HTML 6Page - Texas Instruments DAC5686IPZP Datasheet HTML 7Page - Texas Instruments DAC5686IPZP Datasheet HTML 8Page - Texas Instruments DAC5686IPZP Datasheet HTML 9Page - Texas Instruments DAC5686IPZP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS (DC SPECIFICATIONS)
(1)
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
DEVICE INFORMATION (continued)
Terminal Functions (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
TxENABLE
33
I
TxENABLE is used in interleaved mode. The rising edge of TxENABLE synchronizes the data of
channels A and B. The first data after the rising edge of TxENABLE is treated as A data, while the next
data is treated as B data and so on. In any mode, TxENABLE being low sets DAC outputs to midscale.
Internal pulldown
over operating free-air temperature range (unless otherwise noted) (1)
UNIT
AVDD(2)
–0.5 V to 4 V
DVDD(3)
–0.5 V to 2.3 V
Supply voltage range
CLKVDD(2)
–0.5 V to 4 V
IOVDD(2)
–0.5 V to 4 V
PLLVDD(2)
–0.5 V to 4 V
Voltage between AGND, DGND, CLKGND, PLLGND, and IOGND
–0.5 V to 0.5 V
AVDD to DVDD
–0.5 V to 2.6 V
DA[15:0](3)
–0.5 V to IOVDD + 0.5 V
DB[15:0](3)
–0.5 V to IOVDD + 0.5 V
SLEEP(3)
–0.5 V to IOVDD + 0.5 V
CLK1, CLK2, CLK1C, CLK2C(3)
–0.5 V to CLKVDD + 0.5 V
Supply voltage range
RESETB(3)
–0.5 V to IOVDD + 0.5 V
LPF(3)
–0.5 V to PLLVDD + 0.5 V
IOUT1, IOUT2(2)
–1 V to AVDD + 0.5 V
EXTIO, BIASJ(2)
–0.5 V to AVDD + 0.5 V
EXTLO(2)
–0.5 V to IOVDD + 0.5 V
Peak input current (any input)
±20 mA
Operating free-air temperature range, TA: DAC5686I
–40
°C to 85°C
Storage temperature range
–65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from the case for 10 seconds
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to AGND
(3)
Measured with respect to DGND
over operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 3.3 V, IOVDD = 3.3 V,
DVDD = 1.8 V, IOUT
FS = 20 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
16
DC Accuracy(2)
INL
Integral nonlinearity
1 LSB = IOUTFS/216, TMIN to TMAX
±12
LSB
1.84e–4
IOUTFS
DNL
Differential nonlinearity
±9
LSB
1.37e–4
IOUTFS
(1)
Specifications subject to change without notice.
(2)
Measured differential across IOUTA1 and IOUTA2 or IOUTB1 and IOUTB2 with 25
Ω each to AVDD
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com