Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686IPZP Datasheet(HTML) 29 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 25Page - Texas Instruments DAC5686IPZP Datasheet HTML 26Page - Texas Instruments DAC5686IPZP Datasheet HTML 27Page - Texas Instruments DAC5686IPZP Datasheet HTML 28Page - Texas Instruments DAC5686IPZP Datasheet HTML 29Page - Texas Instruments DAC5686IPZP Datasheet HTML 30Page - Texas Instruments DAC5686IPZP Datasheet HTML 31Page - Texas Instruments DAC5686IPZP Datasheet HTML 32Page - Texas Instruments DAC5686IPZP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
www.ti.com
PHSTR
D[0:15]
PLLLOCK
DAC1
CLK2
CLK2C
th_PHSTR
1/FPLLLOCK = N/FCLK2
ts_PHSTR
td_CLK
th
ts
T0004-01
Digital Filters
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
Figure 35. Using PHSTR to Synchronize PLLLOCK Input Clock for Multiple DACs in External Clock Mode
The PHSTR transition has a setup and hold time relative to the DAC output sample clock (ts_PHSTR and th_PHSTR)
equal to 50% of the DAC output sample clock period up to a maximum of 1 ns. At 500 MHz, the setup and hold
times are therefore 0.5 ns. The PHSTR signal can remain high after synchronization, or can return low. A new
low-to-high transition resynchronizes the input clock. Note that the PHSTR transition also resets the NCO
accumulator.
Figure 36 through Figure 39 show magnitude spectrum responses for 2
×, 4×, 8×, and 16× FIR interpolation
filtering. The transition band is from 0.4 to 0.6 fDATA with < 0.002-dB pass-band ripple and > 80-dB stop-band
attenuation for all four configurations. The filters are linear phase. The sel field in register config_lsb selects the
interpolation filtering rate as 2
×, 4×, 8×, or 16×; interpolation filtering can be completely bypassed by setting
fullbypass in register config_lsb.
Figure 40 shows the spectral correction of the DAC sinx/x rolloff achieved with use of inverse sinc filtering.
Pass-band ripple from 0 to 0.4 fDATA is < 0.03 dB. Inverse sinc filtering is enabled by sinc in register
config_msb.
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com