Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686IPZP Datasheet(HTML) 25 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 21Page - Texas Instruments DAC5686IPZP Datasheet HTML 22Page - Texas Instruments DAC5686IPZP Datasheet HTML 23Page - Texas Instruments DAC5686IPZP Datasheet HTML 24Page - Texas Instruments DAC5686IPZP Datasheet HTML 25Page - Texas Instruments DAC5686IPZP Datasheet HTML 26Page - Texas Instruments DAC5686IPZP Datasheet HTML 27Page - Texas Instruments DAC5686IPZP Datasheet HTML 28Page - Texas Instruments DAC5686IPZP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
www.ti.com
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
Table 3. Clock-Mode Configuration (continued)
CLOCK MODE
PLLVDD
DIV[1:0]
SEL[1:0]
DATA RATE (MSPS)
PLLLOCK PIN FUNCTION
External dual clock 8
×
0 V
XX
10
DC to 62.5
None - held low
External dual clock 16
×
0 V
XX
11
DC to 31.25
None - held low
Interleaved input data on the DA[15:0] input pins; internal PLL off
External 2
×
0 V
XX
00
DC to 80
External clk2/clk2c clock
÷ 2
External 4
×
0 V
XX
01
DC to 80
External clk2/clk2c clock
÷ 4
External 8
×
0 V
XX
10
DC to 62.5
External clk2/clk2c clock
÷ 8
External 16
×
0 V
XX
11
DC to 31.25
External clk2/clk2c clock
÷ 16
External dual clock 2
×
0 V
XX
00
DC to 80
None - held low
External dual clock 4
×
0 V
XX
01
DC to 62.5
None - held low
External dual clock 8
×
0 V
XX
10
DC to 31.25
None - held low
External dual clock 16
×
0 V
XX
11
DC to 15.625
None - held low
Non-interleaved input data; internal PLL on; DA[15:0] data rate matches DB[15:0] data rate.
Internal 2
×
3.3 V
00
00
125 to 160
Internal PLL lock indicator
Internal 2
×
3.3 V
01
00
62.5 to 125
Internal PLL lock indicator
Internal 2
×
3.3 V
10
00
31.25 to 62.5
Internal PLL lock indicator
Internal 2
×
3.3 V
11
00
15.63 to 31.25
Internal PLL lock indicator
Internal 4
×
3.3 V
00
01
62.5 to 125
Internal PLL lock indicator
Internal 4
×
3.3 V
01
01
31.25 to 62.5
Internal PLL lock indicator
Internal 4
×
3.3 V
10
01
15.63 to 31.25
Internal PLL lock indicator
Internal 4
×
3.3 V
11
01
7.8125 to 15.625
Internal PLL lock indicator
Internal 8
×
3.3 V
00
10
31.25 to 62.5
Internal PLL lock indicator
Internal 8
×
3.3 V
01
10
15.63 to 31.25
Internal PLL lock indicator
Internal 8
×
3.3 V
10
10
7.8125 to 15.625
Internal PLL lock indicator
Internal 8
×
3.3 V
11
10
3.9 to 7.8125
Internal PLL lock indicator
Internal 16
×
3.3 V
00
11
15.625 to 31.25
Internal PLL lock indicator
Internal 16
×
3.3 V
01
11
7.8125 to 15.625
Internal PLL lock indicator
Internal 16
×
3.3 V
10
11
3.9062 to 7.8125
Internal PLL lock indicator
Interleaved input data on the DA[15:0] input pins; internal PLL on
Internal 2
×
3.3 V
00
00
Not recommended
Internal PLL lock indicator
Internal 2
×
3.3 V
01
00
62.5 to 80
Internal PLL lock indicator
Internal 2
×
3.3 V
10
00
31.25 to 62.5
Internal PLL lock indicator
Internal 2
×
3.3 V
11
00
15.625 to 31.25
Internal PLL lock indicator
Internal 4
×
3.3 V
00
01
62.5 to 80
Internal PLL lock indicator
Internal 4
×
3.3 V
01
01
31.25 to 62.5
Internal PLL lock indicator
Internal 4
×
3.3 V
10
01
15.625 to 31.25
Internal PLL lock indicator
Internal 4
×
3.3 V
11
01
7.8125 to 15.625
Internal PLL lock indicator
Internal 8
×
3.3 V
00
10
31.25 to 62.5
Internal PLL lock indicator
Internal 8
×
3.3 V
01
10
15.625 to 31.25
Internal PLL lock indicator
Internal 8
×
3.3 V
10
10
7.8125 to 15.625
Internal PLL lock indicator
Internal 8
×
3.3 V
11
10
3.9062 to 7.8125
Internal PLL lock indicator
Internal 16
×
3.3 V
00
11
15.625 to 31.25
Internal PLL lock indicator
Internal 16
×
3.3 V
01
11
7.8125 to 15.625
Internal PLL lock indicator
Internal 16
×
3.3 V
10
11
3.9062 to 7.8125
Internal PLL lock indicator
Internal 16
×
3.3 V
11
11
1.9531 to 3.9062
Internal PLL lock indicator
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com