Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686IPZP Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 13Page - Texas Instruments DAC5686IPZP Datasheet HTML 14Page - Texas Instruments DAC5686IPZP Datasheet HTML 15Page - Texas Instruments DAC5686IPZP Datasheet HTML 16Page - Texas Instruments DAC5686IPZP Datasheet HTML 17Page - Texas Instruments DAC5686IPZP Datasheet HTML 18Page - Texas Instruments DAC5686IPZP Datasheet HTML 19Page - Texas Instruments DAC5686IPZP Datasheet HTML 20Page - Texas Instruments DAC5686IPZP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
www.ti.com
IOUTA1
IOUTA2
16-Bit
DAC
DA[15:0]
DB[15:0]
2 – 16 y Fdata
Fdata
y2 – y16
A Gain
A
Offset
FIR5
x
sin(x)
A
cos
sin
y2 – y16
+
+/−
IOUTB1
IOUTB2
16-Bit
DAC
B Gain
B
Offset
x
sin(x)
B
sin
cos
+
+
DEMUX
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
DETAILED DESCRIPTION (continued)
Figure 19. Data Path in SSB Mode
Figure 20 shows the DAC5686 interfaced to an RF quadrature modulator. The outputs of the complex mixer
stage can be expressed as:
A(t) = I(t)cos(
ω
ct) – Q(t)sin(ωct) = m(t)
B(t) = I(t)sin(
ω
ct) + Q(t)cos(ωct) = mh(t)
where m(t) and mh(t) connote a Hilbert transform pair. Upper single-sideband up-conversion is achieved at the
output of the analog quadrature modulator, whose output is expressed as:
IF(t) = A(t)cos(
ω
c+ ω1)t – B(t)sin(ωc+ ω1)t
Flexibility is provided to the user by allowing for the selection of –B(t) out, which results in lower-sideband
up-conversion. This option is selected by ssb in the config_msb register. Figure 21 depicts the magnitude
spectrum along the signal path during single-sideband up-conversion for real input. Further flexibility is provided
to the user by allowing for the inverse of sin to be used in the complex mixer by programming rspect in the
config_usb register. The four combinations of rspect and ssb allow the user to select one of four complex
spectral bands to input to a quadrature modulator (see Figure 22).
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com