Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686IPZP Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 4Page - Texas Instruments DAC5686IPZP Datasheet HTML 5Page - Texas Instruments DAC5686IPZP Datasheet HTML 6Page - Texas Instruments DAC5686IPZP Datasheet HTML 7Page - Texas Instruments DAC5686IPZP Datasheet HTML 8Page - Texas Instruments DAC5686IPZP Datasheet HTML 9Page - Texas Instruments DAC5686IPZP Datasheet HTML 10Page - Texas Instruments DAC5686IPZP Datasheet HTML 11Page - Texas Instruments DAC5686IPZP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (AC SPECIFICATIONS)
(1)
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
ELECTRICAL CHARACTERISTICS (DC SPECIFICATIONS) (continued)
over operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 3.3 V, IOVDD = 3.3 V,
DVDD = 1.8 V, IOUT
FS = 20 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IAVDD
Sleep mode, AVDD supply current
1
mA
IDVDD
Sleep mode, DVDD supply current
4
mA
ICLKVDD
Sleep mode, CLKVDD supply
2
mA
current
Sleep mode
IPLLVDD
Sleep mode, PLLVDD supply
0.5
mA
current
IIOVDD
Sleep mode, IOVDD supply current
0.25
mA
Mode 1(6) AVDD = 3.3 V,
215
DVDD = 1.8 V
Mode 2(7) AVDD = 3.3 V,
495
DVDD = 1.8 V
Mode 5(8) AVDD = 3.3 V,
445
DVDD = 1.8 V
PD
Power dissipation
mW
Mode 7(9) AVDD = 3.3 V,
754
DVDD = 1.8 V
Mode 9(10) AVDD = 3.3 V,
547
DVDD = 1.8 V
Mode 11(11) AVDD = 3.3 V,
855
950
DVDD = 1.8 V
APSRR
Power supply rejection ratio
–0.2
0.2
%FSR/V
DPSRR
Power supply rejection ratio
–0.2
0.2
%FSR/V
(6)
Mode 1: Dual DAC mode, fully bypassed, FDAC = 160 MSPS, fOUT = 20 MHz
(7)
Mode 2: Dual DAC mode, 2
× interpolation, F
DAC = 320 MSPS, fOUT = 20 MHz
(8)
Mode 5: Quadrature modulation mode, 4
× interpolation, fs/4 mixing, F
DAC = 320 MSPS, fOUT = 100 MHz
(9)
Mode 7: Quadrature modulation mode, 4
× interpolation, NCO running at 320 MHz, F
DAC = 320 MSPS, fOUT = 100 MHz
(10) Mode 9: SSB modulation mode, 4
× interpolation, fs/4 mixing, F
DAC = 320 MSPS, fOUT = 100 MHz
(11) Mode 11: SSB modulation mode, 4
× interpolation, NCO running at 320 MHz, f
OUT = 100 MHz, maximum operating condition
over operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 0 V, IOVDD = 3.3 V, DVDD = 1.8 V,
IOUT
FS = 20 mA, external clock mode, differential transformer-coupled output, 50-Ω doubly terminated load (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Output
fCLK
Maximum output update rate
500
MSPS
ts(DAC)
Output settling time to 0.1%
Mid-scale transition
12
ns
tpd
Output propagation delay
2.5
ns
tr(IOUT)
(2)
Output rise time 10% to 90%
2.5
ns
tf(IOUT)
(2)
Output fall time 90% to 10%
2.5
ns
AC Performance—1:1 Impedance-Ratio Transformer
First Nyquist zone < fDATA/2, 4× interpolation, dual DAC mode,
89
fDATA = 52 MSPS, fOUT = 14 MHz, TA = 25°C
First Nyquist zone < fDATA/2, 4× interpolation, dual DAC mode,
fDATA = 160 MSPS, fOUT = 20 MHz, full bypass,TA = TMIN to
68
79
TMAX for MIN, 25°C for TYP, IOVDD = 1.8 V for TYP
SFDR
Spurious free dynamic range
dBc
2
× interpolation, dual DAC mode, f
DATA = 160 MSPS, fOUT =
72
41 MHz, TA = 25°C, IOVDD = 1.8 V
2
× interpolation, dual DAC mode, f
DATA = 160 MSPS, fOUT =
68
61 MHz, TA = 25°C, IOVDD = 1.8 V
(1)
Specifications subject to change without notice
(2)
Measured single-ended into 50-
Ω load
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com