Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686IPZP Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 6Page - Texas Instruments DAC5686IPZP Datasheet HTML 7Page - Texas Instruments DAC5686IPZP Datasheet HTML 8Page - Texas Instruments DAC5686IPZP Datasheet HTML 9Page - Texas Instruments DAC5686IPZP Datasheet HTML 10Page - Texas Instruments DAC5686IPZP Datasheet HTML 11Page - Texas Instruments DAC5686IPZP Datasheet HTML 12Page - Texas Instruments DAC5686IPZP Datasheet HTML 13Page - Texas Instruments DAC5686IPZP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
www.ti.com
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
ELECTRICAL CHARACTERISTICS (DIGITAL SPECIFICATIONS) (continued)
over operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 3.3 V, IOVDD = 3.3 V, DVDD = 1.8
V, IOUT
FS = 20 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IL = 100 µA
0.2
Low-level output voltage,
VOL
V
PLLLOCK, SDO, SDIO (I/O)
IL = 8 mA
0.22
× IOVDD
PLL
Input data rate supported
1
160
MSPS
At 600-kHz offset, measured at
DAC output, 25-MHz 0-dBFS tone,
128
fDATA = 125 MSPS, 4× interpolation
Phase noise
dBc/Hz
At 6-MHz offset, measured at DAC
output, 25-MHz 0-dBFS tone, fDATA
151
= 125 MSPS, 4
× interpolation
VCO minimum frequency
PLL_rng = 00 (nominal)
120
MHz
VCO maximum frequency
PLL_rng = 00 (nominal)
500
MHz
NCO
NCO clock (DAC update rate)
320
MHz
Serial Port Timing
Setup time, SDENB to rising edge
tsu(SDENB)
20
ns
of SCLK
Setup time, SDIO valid to rising
tsu(SDIO)
10
ns
edge of SCLK
Hold time, SDIO valid to rising
th(SDIO)
5
ns
edge of SCLK
tSCLK
Period of SCLK
100
ns
tSCLKH
High time of SCLK
40
ns
tSCLKL
Low time of SCLK
40
ns
Data output delay after falling
td(Data)
10
ns
edge of SCLK
Parallel Data Input Timing (PLL Mode, CLK1 Input)
Setup time, data valid to rising
tsu(DATA)
0.3
–0.4
ns
edge of CLK1
Hold time, data valid after rising
th(DATA)
1.2
0.6
ns
edge of CLK1
Parallel Data Input Timing (Dual Clock Mode, CLK1 and CLK2 Input)
Setup time, data valid to rising
tsu(DATA)
–0.4
ns
edge of CLK1
Hold time, data valid after rising
th(DATA)
0.6
ns
edge of CLK1
Timing Parallel Data Input (External Clock Mode, CLK2 Input)
High-impedance load on PLLLOCK.
Setup time, DATA valid to rising
tsu(DATA)
Note that tsu increases with a
4.6
3
ns
edge of PLLLOCK
lower-impedance load.
High-impedance load on PLLLOCK.
Hold time, DATA valid after rising
Note that th decreases (becomes
th(DATA)
–0.8
–2.4
ns
edge of PLLLOCK
more negative) with a
lower-impedance load.
High-impedance load on PLLLOCK.
Delay from CLK2 rising edge to
Note that PLLLOCK delay in-
td(PLLLock)
2.5
4.2
6.5
ns
PLLLOCK rising edge
creases with a lower-impedance
load.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com