Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686IPZP Datasheet(HTML) 27 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 23Page - Texas Instruments DAC5686IPZP Datasheet HTML 24Page - Texas Instruments DAC5686IPZP Datasheet HTML 25Page - Texas Instruments DAC5686IPZP Datasheet HTML 26Page - Texas Instruments DAC5686IPZP Datasheet HTML 27Page - Texas Instruments DAC5686IPZP Datasheet HTML 28Page - Texas Instruments DAC5686IPZP Datasheet HTML 29Page - Texas Instruments DAC5686IPZP Datasheet HTML 30Page - Texas Instruments DAC5686IPZP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
www.ti.com
Interleave Bus Mode
IOUTB1
IOUTB2
IOUTA1
IOUTA2
16-Bit
DAC
2Fdata
2 – 16 y Fdata
Fdata
y2
16-Bit
DAC
2Fdata
y2
FIR1
Edge Triggered
Input Latches
• ••
• ••
DA[15:0]
DEMUX
DA[15:0]
ts(DATA)
th(DATA)
A0
B0
A1
AN
BN
B1
TxENABLE
ts(TxENABLE)
CLK1 or
PLLLOCK
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
In interleave bus mode, one parallel data stream with interleaved data (I and Q) is input to the DAC5686 on data
bus DA. Interleave bus mode is selected by setting INTERL to 1 in the config_msb register. Figure 31 shows
the DAC5686 data path in interleave bus mode. The interleave bus mode timing diagram is shown in Figure 32.
Figure 31. Interleave Bus Mode Data Path
Figure 32. Interleave Bus Mode Timing Diagram Using TxENABLE
Interleaved user data on data bus DA is alternately multiplexed to internal data channels A and B. Data channels
A and B can be synchronized using either the QFLAG pin or the TxENABLE pin. When qflag in register
config_usb is 0, transitions on TxENABLE identify the interleaved data sequence. The first data after the rising
edge of TxENABLE is latched with the rising edge of CLK as channel-A data. Data is then alternately distributed
to B and A channels with successive rising edges of CLK. When qflag is 1, the QFLAG pin is used as an output
to identify the interleaved data sequence. QFLAG high identifies data as channel B (see Figure 33).
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com