Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686IPZP Datasheet(HTML) 43 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 38Page - Texas Instruments DAC5686IPZP Datasheet HTML 39Page - Texas Instruments DAC5686IPZP Datasheet HTML 40Page - Texas Instruments DAC5686IPZP Datasheet HTML 41Page - Texas Instruments DAC5686IPZP Datasheet HTML 42Page - Texas Instruments DAC5686IPZP Datasheet HTML 43Page - Texas Instruments DAC5686IPZP Datasheet HTML 44Page - Texas Instruments DAC5686IPZP Datasheet HTML 45Page - Texas Instruments DAC5686IPZP Datasheet HTML 46Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
www.ti.com
DAC5686 EVALUATION BOARD
Appendix A. PLL LOOP FILTER COMPONENTS
R3
C3
R1
C1
C2
External
Internal
S0006-01
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
There is a combination EVM board for the DAC5686 digital-to-analog converter for evaluation. This board allows
the user the flexibility to operate the DAC5686 in various configurations. Possible output configurations include
transformer-coupled, resistor-terminated, inverting/non-inverting and differential amplifier outputs. The digital
inputs are designed to be driven directly from various pattern generators with the onboard option to add a
resistor network for proper load termination.
For the external second-order filter shown in Figure 50, the components R, C1, and C2 are calculated for a
desired phase margin and loop bandwidth. Resistor R3 = 200
Ω and capacitor C3 = 8 pF are internal to the
DAC5686.
Figure 50. DAC5686 Loop Filter
The VCO gain (Gvco) as a function of VCO frequency for the DAC5686 is shown in Figure 17. For a desired
VCO
frequency,
the
loop
filter
values
can
be
calculated
using
the
following
equations.
Nominal PLL design parameters include:
Charge pump current:
iqp = 1 mA
VCO gain:
KVCO = 2π × GVCO rad/A
PLL divide ratio
× interpolation:
N = {2, 4, 8, 16, 32}
Phase detector gain:
Kd = iqp × (2πN)
–1 A/rad
Let
Desired loop bandwidth =
ω
d
Desired phase margin =
φ
d
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com