Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 213 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 213 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 209Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 210Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 211Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 212Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 213Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 214Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 215Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 216Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 217Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 662 page
background image
Host Control Interrupt Vector
Overview, Rev. 4
Freescale Semiconductor
8-35
8.8 Wait and Stop Mode Operations
The system clocks and the 56800E are turned off during Wait and Stop modes. The ITCN will
signal a pending IRQ to the System Integration Module (SIM) to restart the clocks and service the
IRQ. An IRQ can only wake up the core if the IRQ is enabled prior to entering the Wait or Stop
mode. Also, the IRQA and IRQB signals automatically become low level sensitive in these
modes even if the Control Register bits are set to make them falling edge sensitive. This is
because there is no clock available to detect the falling edge.
8.9 Host Control Interrupt Vector
The Host Command IRQ, vector 49, acts differently than the other IRQs. The vector 49 value
driven onto the lower eight bits of VAB in response to this IRQ isn’t fixed as it is for the other
IRQs. The Host I/F module supplies these lower bits and the ITCN uses them when the interrupt
to the 56800E is in response to the Host Command IRQ. The ITCN also asserts the
HP_IRQ_ACK signal back to the Host Port module when the ITCN receives acknowledgement
from the CPU in response to the Host Command IRQ.
HI8
111
P:$DE
Available for Host Command
Not on 855
HI8
112
P:$E0
Available for Host Command
Not on 855
HI8
113
P:$E2
Available for Host Command
Not on 855
HI8
114
P:$E4
Available for Host Command
Not on 855
HI8
115
P:$E6
Available for Host Command
Not on 855
HI8
116
P:$E8
Available for Host Command
Not on 855
HI8
117
P:$EA
Available for Host Command
Not on 855
HI8
118
P:$EC
Available for Host Command
Not on 855
HI8
119
P:$EE
Available for Host Command
Not on 855
HI8
120
P:$F0
Available for Host Command
Not on 855
HI8
121
P:$F2
Available for Host Command
Not on 855
HI8
122
P:$F4
Available for Host Command
Not on 855
HI8
123
P:$F6
Available for Host Command
Not on 855
HI8
124
P:$F8
Available for Host Command
Not on 855
HI8
125
P:$FA
Available for Host Command
Not on 855
HI8
126
P:$FC
Available for Host Command
Not on 855
HI8
127
P:$FE
Available for Host Command
Not on 855
Table 8-3. Interrupt Vector Table Contents (Continued)
Peripheral
Vector
Number
Priority
Level
Vector
Base
Address +
Interrupt Function
Chip
Exceptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com