Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 662 page
background image
Peripheral Descriptions
5685X Digital Signal Controller User Manual, Rev. 4
1-32
Freescale Semiconductor
1.12.7 Host Interface 8 (HI8)
Host Interface 8 (HI8) is an 8-bit, bidirectional data bus used to transfer data between the host
processor and the DSC. To accomplish this, a series of registers are provided to establish the
control desired, to monitor the status of the data transfer and to perform the data transfer itself.
Registers are divided into two groups:
1. Host side
2. DSC side
Both groups allow the host port to operate asynchronously to core clock. Generally, the mode of
operation is set using the host side control. The DSC side control provides the selectivity for
masking or unmasking the various DSC interrupt sources. There are various functional modes
possible in the transfer of data: 8-bit vs. 16-bit data transfers, DMA vs. single strobe or dual
strobe transactions, and interrupt versus polling status interrogation.
1.12.8 COP/Watchdog Timer Module
The Computer Operating Properly (COP) module monitors processor activity and provides an
automatic reset signal if a failure occurs. Please reference Chapter 16, Reset, Low Voltage,
Stop and Wait Operations.
•
16-bit counter to provide 65536 different time-out periods
•
Programmable wait and stop mode operation
•
Programmable time-out period from 32
µs to 2.1 sec. with a resolution of 32µs
1.12.9 Time of Day
•
Sequence counters to track seconds, minutes, hours, and days
•
Programmable prescaler to generate 1Hz clock
•
Generates interrupts capable of pulling the part out of Wait or Stop modes
•
Capability to track time up to 179.5 years
•
Configurable alarm and one second interrupts
1.12.10 System Integration Module
The System Integration Module (SIM) is responsible for several system control functions
including:
•
Clock generation
•
Reset generation
•
Power mode control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com