Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 662 page
background image
56800E Core Description
5685X Digital Signal Controller User Manual, Rev. 4
1-22
Freescale Semiconductor
1.4.12.3 PLL
The PLL in the 56800E core provides the following features:
•
The PLL generates output frequencies up to 240MHz from a 2 - 4MHz input
•
The PLL can be bypassed to use oscillator or prescalar outputs directly
1.4.12.4 Clock Generation Module
This contains registers used to control clock generation and select clock sources:
•
There is a choice of time of day clock prescalers
•
The PLL frequency postscaler and enable control
•
Selection of master clock source to be PLL ,or OSC and glitch-free clock switching
•
PLL postscaler supports PLL output division by 1, 2, 4, 8, 16, 64,or 128
1.4.12.5 Time of Day Clock Options
These options provide:
•
A choice of two TOD clock prescalers
•
Low power/128 prescaler in OSC module for input clock frequencies to 4MHz
•
High frequency two stage/1-4096 and /2 prescaler in CGM module for input clock
frequencies to 240MHz OSC TOD prescaler
1.4.13 Resets
The 5685x device reset circuitry provides these features:
•
Integrated POR release occurs when VDD exceeds 1.35V and VDDA exceeds 2.45V
•
Reset pin
•
Software reset
•COP reset
1.4.14 IPBus Bridge
The IPBus architecture supports a variety of on-chip peripherals, including:
•
External Memory Interface (EMI) module
•
Serial Communication Interface (SCI) module
•
16-bit Timer (TMR) module
•
Computer Operating Properly (COP) module
•
Time of Day (TOD) module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com