Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 79Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 80Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 81Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 82Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 83Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 662 page
background image
Power, Ground and Peripheral Signals
5685X Digital Signal Controller User Manual, Rev. 4
2-12
Freescale Semiconductor
Table 2-6. Host Interface Eight
Signal Name
Signal Type
Signal Description
853
Pins
854
Pins
855
Pins
857
Pins
858
Pins
HD0-HD7
(GPIOB0-B7)
Input
Input / Output
Host Data—These inputs provide data for the HI
registers. These pins are disconnected internally
during reset.
Port B GPIO 0-7—These are a General Purpose
I/O pins when not configured for host port use.
88
—
8
8
HA0-HA2
(GPIOB8-B10)
Input
Input / Output
Host Address—These inputs provide address
selection for HI registers. These pins are
disconnected internally during reset.
Port B GPIO 10—These are General Purpose I/O
pins when not configured for host port use.
33
—
3
3
HRW
(HRD)
(GPIOB11)
Input
Input
Input / Output
Host Read/Write—When the HI is programmed to
interface to a single-data-strobe host bus and the
HI function is selected, this signal is the
Read/Write input. These pins are disconnected
internally during reset.
Host Read Enable—This signal is the Read Data
input when the HI is programmed to interface to a
double-data-strobe host bus and the HI function is
selected.
Port B GPIO 11—This is a General Purpose I/O
pin when not configured for host port use.
11
—
1
1
HDS
(HWR)
(GPIOB12)
Input
Input
Input / Output
Host Data Strobe—When the HI is programmed
to interface to a single-data-strobe host bus and
the HI function is selected, this input enables a
data transfer on the HI when HCS is asserted.
Host Write Enable—This signal is the Write Data
input when the HI is programmed to interface to a
double-data-strobe host bus and the HI function is
selected.
Port B GPIO 12—This is a General Purpose I/O
pin when not configured for host port use.
11
—
1
1
HCS
(GPIOB13)
Input
Input / Output
Host Chip Select—This input is the chip select
input for the Host Interface.This pin is
disconnected internally when reset.
Port B GPIO 13—This is a General Purpose I/O
pin when not configured for host port use.
11
—
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com