Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 662 page
background image
5685x Family Description
5685X Overview, Rev. 4
Freescale Semiconductor
1-3
1.1 Introduction
Differing in size of memories and choice of peripherals, these multi-functional chips offer
features DSP programmers demand for executing true signal processing algorithms, flexible
user-defined, multi-level interrupt priority support, supports traditional DSP mathematical
functions for executing complicated computations, giving programmers more control in an
interrupt-driven application.
The 56853, 56854, 56855, 56857, and 56858 are members of the 56800E core-based family of
Digital Signal Controllers (DSCs). Combined on a single chip are the processing power of a DSP
and the functionality of a microcontroller with a flexible set of peripherals. The chip design
creates an extremely cost-effective and compact solution for a number of uses.
The 56800E family includes many peripherals especially well-suited for low-end Internet
appliance applications and low-end client applications, such as:
•
Telephony
•
Voice Recognition
•
Voice-Processing for Multi-Processor Systems
•
Portable Devices
•
Advanced Industrial Control
•
Internet Audio
•
Point-of-Sale Systems
•
Noise suppression
•
ID tag readers
•
Sonic/Subsonic detectors
•
Security access devices
•
Remote metering
•
Sonic alarms
1.2 5685x Family Description
The 5685x device family is based on the 56800E core and combines, on a single chip, the
processing power of a digital signal controller and the functionality of a microcontroller with a
flexible set of peripherals to create an extremely cost-effective solution. Because of its low cost,
configuration flexibility, and compact program code, each of the five devices are well-suited for
many applications.
With the exception of the 56852 chip (not included in this manual), the 5685x family includes
from 12K to 40K words of Program SRAM, 4K to 24K words of Data RAM and 1K of Boot
ROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com