Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 93Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 96Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 97Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 98Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 99Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 100Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 662 page
background image
Memory Maps
Overview, Rev. 4
Freescale Semiconductor
3-9
Note:
The X (data) address space for all parts is actually 24 bits ($000000 - $FFFFFF) but
only 21 bits are brought out externally. The chip selects can be programmed to allow
data accesses above $1FFFFF. In this case the data space can be thought of as multiple
2M word pages.
3.3.1 Memory Register Summary
This summary lists all accessible EOnCE Memory mapped registers in the 5685x devices, in
Table 3-1. The Peripheral System Configurations are listed in Table 3-15.
3.3.1.1 Memory Mapped Registers
Table 3-1 lists all of the EOnCE Memory mapped registers in the 5685x devices. Please consult
the DSP56800E Reference Manual (DSP56800ERM) for complete details of the following table.
Table 3-1. EOnCE Memory Map (EOnCE_BASE = $FFFF00)
Address Offset
Register Acronym
Register Name
Base + $FF
OTX1/ORX1
Transmit Register Upper Word
Receive Register Upper Word
Base + $FE
OTX/ORX
Transmit Register
Receive Register
Base + $FD
OTXRXSR
Transmit /Receive Status/ Control Reg.
Base + $FC
OCLSR
Core Lock/Unlock Status Register
Reserved
Base + $A0
OCR
Control Register
Base + $9F
—
Instruction Step Counter
Base + $9E
OSCNTR
Instruction Step Counter
Base + $9D
OSR
Status Register
Base + $9C
OBASE
Peripheral Base Address Register
Base + $9B
OTBCR
Trace Buffer Control Register
Base + $9A
OTBPR
Trace Buffer Pointer Register
Base + $99
—
Trace Buffer Register Stages
Base + $98
OTB
Trace Buffer Register Stages
Base + $97
—
Breakpoint Unit [0] Control Register
Base + $96
OBCR
Breakpoint Unit [0] Control Register
Base + $95
—
Breakpoint 1 Unit [0] Address Register
Base + $94
OBAR1
Breakpoint 1 Unit [0] Address Register
Base + $93
—
Breakpoint 2 Unit [0] Address Register
Base + $92
OBAR2
Breakpoint 2 Unit [0] Address Register
Base + $91
—
Breakpoint 1 Unit [0] Mask Register
Base + $90
OBMSK
Breakpoint 1 Unit [0] Mask Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com