Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 92Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 93Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 662 page
background image
Program Boot ROM
5685X Digital Signal Controller User Manual, Rev. 4
3-4
Freescale Semiconductor
3. Two words (4 bytes) starting address where loaded in the program memory (modes 0, 1, 4,
5, and 6 only)
4. The user program (two bytes for each 16-bit program word) on all boot modes
The four-byte string BOOT loads B first in Boot Mode One. The bytes/words for the remaining
data are loaded least significant byte/word first. The boot code is general-purpose and assumes
the number of program words and starting address are valid for the user’s system. If the values
are invalid, unpredictable results will occur. If a reserved mode is specified, the debughlt
instruction will be executed causing the software to enter an infinite loop.
Once the bootstrap program completes loading the specified number of words, if applicable to
that Boot mode, the bootstrap program jumps to the starting address and executes the loaded
program. Some of the bootstrap routines reconfigure the memory map by setting the PRAM
DISABLE field in the SIM Control Register. Some bootstrap routines also make specific
assumptions about the external clock frequency being applied to the part.
3.2.1 Boot Mode 0: Bootstrap From Byte-Wide External Memory
The PRAM DISABLE remains zero, leaving both internal program and data RAM
enabled. The bootstrap program loads program memory from a byte-wide memory located
at $040000 using CS0 as the chip select, before jumping to the start of the user code.
3.2.2 Boot Mode 1: Bootstrap From SPI
The PRAM DISABLE remains zero, leaving both internal program and data RAM enabled. The
bootstrap program loads program memory from a serial EEPROM via the SPI. GPIOF3 is an
alternative function of the Slave Select _B (SS). When configured and programmed, the
alternative function can be used as the SS output. This mode is compatible with ATMEL
AT25xxx and AT45xxx series serial EEPROMs. In order to determine the correct SPI
configuration, the first four bytes in the serial memory must be the string BOOT in ASCII.
They are: $42, $4F, $4F and $54. If, after trying all three configurations, BOOT is not read, the
part will move to the DEBUG HALT state. After the string BOOT, the data should continue as
described in the data sequence above. After loading the user program, GPIOF3 is returned to its
power-on reset state—input under peripheral control—and the bootstrap program jumps to the
start of the user code. This boot loader assumes the external clock is being applied at a frequency
between 2MHz and 4MHz. For some external devices, it enables the PLL during boot loading but
always leaves the PLL off when complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com