Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 92Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 93Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 662 page
background image
Program Boot ROM
Overview, Rev. 4
Freescale Semiconductor
3-3
3.1 Introduction
The 56800E provides separate program and data memory areas. The program area has a 21-bit
address range, while the data area has a 24-bit address range. Each area has a data width of 16
bits. In the 5685x, the active areas in memory include:
•
Up to 40K
× 16 bit Program RAM
•
Up to 24K
× 16 bit Data RAM
•1K
× 16 bit Boot ROM
Off-chip memory expansion capability up to 4MB program and 16MB data with four
programmable chip select signals.
3.2 Program Boot ROM
The 5685x has 1K-word
× 16-bit on-chip Program ROM. The program ROM contains the
bootstrap firmware program able to perform initial loading of the internal program RAM. It is
located in Program memory space at locations $1F0000-$1F03FF. The bootstrap program can
load any Program RAM segment from an external memory or serial EEPROM. On exiting the
reset state the first instruction is fetched from the program ROM ($1F0000) to start execution of
the bootstrap program.
The value on the input pins, MODA, MODB, and MODC, when the last active reset
source—reset pin, power-on reset, or software reset—deasserts, it will determine which bootstrap
mode is entered.
Note:
A COP reset via RST does not alter MOD pins of the SIM register since a COP reset
by definition occurs unexpectedly during system operation, therefore possibly no
longer providing the required MODE inputs.
Note:
A software reset via RST_SW does not alter MOD pins of the SIM register, thereby
allowing users to reboot in a different mode without altering the hardware.
Some boot modes, specifically those transferring code to internal PRAM for execution, require
header data to synchronize the peripheral, define the transfer start address in PRAM, and define
the number of words to load. The following four points describe the required format for available
boot modes:
1. The four byte ASCII sequence BOOT (mode 1 only)
2. Two words (4 bytes) defining the number of program words to be loaded (modes 0, 1, 4, 5,
and 6 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com