Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 92Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 93Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 96Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 662 page
background image
Program Boot ROM
Overview, Rev. 4
Freescale Semiconductor
3-5
3.2.3 Boot Mode 2: Normal Expanded Mode
The PRAM DISABLE remains at zero, leaving both internal program and data RAM enabled. No
code is loaded. The bootstrap program simply vectors to external program memory location
P:$040000 using CS0 as the chip select.
3.2.4 Boot Mode 3: Development Expanded Mode
The PRAM DISABLE remains at one, leaving internal data RAM enabled, but the internal
program RAM is disabled. All references to internal program memory space are subsequently
directed to external program memory. No code is loaded. The bootstrap program simply vectors
to program memory location P:$000000 using CS0 as the chip select.
3.2.5 Boot Mode 4: Bootstrap From Host Port–Single Strobe Clocking
The PRAM DISABLE remains at zero, leaving both internal program and data RAM enabled.
The bootstrap program configures the Host Port for single strobe access, loading program
memory from the Host Port before jumping to the start of the user code.
3.2.6 Boot Mode 5: Bootstrap From Host Port–Dual Strobe Clocking
The PRAM DISABLE remains at zero, leaving both internal program and data RAM enabled.
The bootstrap program configures the Host Port for dual strobe access, loading program memory
from the Host Port before jumping tot he start of the user code.
3.2.7 Boot Mode 6: Bootstrap From SCI
The PRAM DISABLE remains at zero, leaving both internal program and data RAM enabled. It
configures the SCI for 38400 baud transfers with a 4MHz or 19200 with 2MHz crystals. It also
enables the PLL to operate during the boot process. The bootstrap program then loads program
memory from the SCI port and jumps to the start of the user code. External clocking must be
between 2MHz and 4MHz. It uses the PLL but leaves it off when complete. The data format is:
•
One Start Bit
•
Eight-Data Bits
•
No Parity Bit
•
One Stop Bit
•
Flow Control Off
3.2.8 Boot Mode 7: Reserved for Future Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com