Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 79Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 80Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 81Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 82Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 83Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 84Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 662 page
background image
Power, Ground and Peripheral Signals
Overview, Rev. 4
Freescale Semiconductor
2-13
HREQ
(HTRQ)
(GPIOB14)
Open Drain
Output
Open Drain
Output
Input / Output
Host Request—When the HI is programmed for
HRMS = 0 functionality, typically used on a
single-data-strobe bus, this open drain output is
used by HI to request service from the host
processor. The HREQ may be connected to an
interrupt request pin of a host processor, a transfer
request of a DMA controller, or a control input of
external circuitry. This pin is disconnected
internally when reset.
Transmit Host Request—This signal is the output
when the HI is programmed for HRMS = 1
functionality and is typically used on a
double-data-strobe bus.
Port B GPIO 14—This is a General Purpose I/O
pin when not configured for host port use.
11
—
1
1
HACK
(HRRQ)
(GPIOB15)
Input
Open Drain
Output
Input / Output
Host Acknowledge—When the HI is programmed
for the HRMS = 0 functionality, typically used on a
single-data-strobe bus, this input has two
functions: (1) provide a Host Acknowledge signal
for DMA transfers, or (2) to control handshaking
and provide a Host Interrupt Acknowledge
compatible with the MC68000 family processors.
This pin is disconnected internally when reset.
Receive Host Request—This signal is the output
when the HI is programmed for HRMS = 1
functionality, and it is typically used on a
double-data-strobe bus.
Port B GPIO 15—This is a General Purpose I/O
pin when not configured for host port use.
11
—
1
1
Table 2-6. Host Interface Eight (Continued)
Signal Name
Signal Type
Signal Description
853
Pins
854
Pins
855
Pins
857
Pins
858
Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com