Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 96Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 97Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 98Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 99Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 100Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 101Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 662 page
background image
Memory Maps
5685X Digital Signal Controller User Manual, Rev. 4
3-10
Freescale Semiconductor
3.3.1.2 Peripheral Mapped Registers
The following tables provide lists of all of the Peripheral Memory mapped registers in the 5685x
devices. Each is discussed in this manual.
Reserved
$8E
OBCNTR
EOnCE Breakpoint Unit [0] Counter
Reserved
Reserved
Reserved
$8A
OESCR
External Signal Control Register
Reserved
Table 3-2. System Integration Module Register Address Map
(SYS_BASE = $1FFF08) see Chapter 4
Address Offset
Register Acronym
Register Name
Access Type
Chapter Location
Base + $0
SCR
SIM Control Register
Read/Write
Section 4.6.1
Base + $1
SCD1
Software Control Data 1 Register
Read/Write
Section 4.6.2
Base + $2
SCD2
Software Control Data 2 Register
Read/Write
Section 4.6.3
Table 3-3. External Memory Interface Registers Address Map
(EMI_BASE = $1FFE40) see Chapter 5
Address Offset
Register Acronym
Register Name
Access Type
Chapter Location
Base + $0
CS0
Chip Select Address & Block Size
Read/Write
Section 5.6.1
Base + $1
CS1
Chip Select Address & Block Size
Read/ Write
Base + $2
CS2
Chip Select Address & Block Size
Read/Write
Base + $3
CS3
Chip Select Address & Block Size
Read/Write
Base + $8
CSOR_0
Chip Select Options Register 0
Read/Write
Section 5.6.2
Base + $9
CSOR_1
Chip Select Options Register 1
Read/ Write
Base + $A
CSOR_2
Chip Select Options Register 2
Read/Write
Base + $B
CSOR_3
Chip Select Options Register 3
Read/Write
Base + $10
BCR
Bus Control Register
Read/Write
Section 5.6.3
Table 3-1. EOnCE Memory Map (EOnCE_BASE = $FFFF00) (Continued)
Address Offset
Register Acronym
Register Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com