Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 662 page
background image
5685x Family Description
5685X Digital Signal Controller User Manual, Rev. 4
1-6
Freescale Semiconductor
1.2.1.4 The 56857
•
Provides two external dedicated interrupt lines
•
Provides up to 47-General Purpose Input/Output (GPIO) lines, depending on peripheral
configuration.
•
Includes 40K words of Program RAM
•
Includes 24K words of Data RAM
•
Includes 1K of Boot ROM
•
Provides a full set of standard programmable peripherals including:
— eight-bit Host Interface (HI8)
— two Enhanced Synchronous Serial Interface (ESSI)
— one Serial Peripheral Interface (SPI)
— two Serial Communications Interfaces (SCI)
— one Quad Timer (TMR)
— one, 6-channel Direct Memory Access (DMA)
The HI8, ESSIs, SPI, SCIs I/O and TMR can be used as General Purpose Input/Outputs when its
primary function is not required.
1.2.1.5 The 56858
•
Supports program execution from either internal or external memories
•
Provides two external dedicated interrupt lines
•
Provides up to 47-General Purpose Input/Output (GPIO) lines, depending on peripheral
configuration
•
Includes 40K words of Program RAM
•
Includes 24K words of Data RAM
•
Includes 1K of Boot ROM
•
Provides a full set of standard programmable peripherals that include:
— eight-bit Host Interface (HI8)
— two Enhanced Synchronous Serial Interfaces (ESSI)
— one Serial Peripheral Interface (SPI)
— two Serial Communications Interfaces (SCI)
— one Quad Timer (TMR)
— one, 6-channel Direct Memory Access (DMA)
The HI8, TMR, ESSIs, SPI, SCI’s I/O and four chip selects can be used as General Purpose
Input/Outputs when its primary function is not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com