Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 92Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 93Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 96Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 97Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 662 page
background image
Memory Maps
5685X Digital Signal Controller User Manual, Rev. 4
3-6
Freescale Semiconductor
3.3 Memory Maps
Memory maps for each of the five devices are illustrated in Figure 3-1 through Figure 3-5.
Figure 3-1. 56853 Memory Map
Program Space
$000000
$00A000
Prog RAM
1
$1FFFFF
Prog ROM
$1F0400
$1F0000
External
Memor
y2
Data Space
$000000
Data RAM
1
$1FFC00
On-Chip
External
Memory
3
$1FFFFF
Peripherals
4
$FFFFFF
External
Memory
$FFFF00
EOnCE
$003000
$001000
1. Can be disabled resulting in this space being external memory.
2. In operating mode 2, chip select 0 is initially set to $040000 - $07FFFF.
3. In operating mode 0, chip select 0 is initially set to $040000 - $07FFFF.
4. The range of short I/O space is: $1FFFC0 - $1FFFFF.
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com