Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 662 page
background image
56800E Core Description
5685X Overview, Rev. 4
Freescale Semiconductor
1-21
1.4.11 Enhanced On-Chip Emulation (EOnCE) Module
The Enhanced On-Chip Emulation (EOnCE) module allows user interaction in a debug
environment with the 56800E core and its peripherals. Its capabilities include:
•
Examining registers
•
Memory, or on-chip peripherals
•
Setting breakpoints in memory
•
Stepping or tracing instructions
It provides simple, inexpensive, and speed independent access to the 56800E core for
sophisticated debugging and economical system development. The JTAG port allows access to
the Enhanced OnCE module and through the 5685x device to its target system, retaining debug
control without sacrificing other user accessible on-chip resources. This technique eliminates the
costly cabling and the access to processor pins required by traditional emulator systems. The
Enhanced OnCE interface is fully described in the DSP56800E Reference Manual
(DSP56800ERM).
1.4.12 Clocks
1.4.12.1 On-Chip Clock Synthesis Block
The clock synthesis module generates the clocking for the 5685x family of devices. It generates
the master clock used by the System Integration Module (SIM) to derive the system and
peripheral clocks. It also generates the time of day clock used by time-based modules like TOD
and COP. It contains an oscillator module to apply the clock. It also contains a PLL with the
ability to multiply-up the frequency. The PLL can also be bypassed and scaled to lower power
consumption on the 5685x device. The CGM module selects which clock is routed to the master
clock output. It also selects and configures the time of day clock prescaler and PLL.
1.4.12.2 Oscillator
The 5685x device is clocked either from an external crystal or external clock input:
•
Crystal oscillator uses a 2 - 4MHz crystal
•
Ceramic resonator can be used in place of the crystal
•
There are separate power and ground for the oscillator and PLL
•
Oscillator input can be directly clocked at up to 240MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com