Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 83Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 84Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 662 page
background image
Power, Ground and Peripheral Signals
Overview, Rev. 4
Freescale Semiconductor
2-19
Table 2-13. Serial Peripheral Interface
Signal Name
Signal Type
Signal Description
853
Pins
854
Pins
855
Pins
857
Pins
858
Pins
MISO
(GPIOF0)
Input / Output
Input / Output
SPI Master In / Slave Out—This serial data pin is
an input to a master device and an output from a
slave device. The slave device places data on the
MISO line a half-cycle before the clock edge the
master device uses to latch the data. The driver on
this pin can be configured as an open-drain by the
SPI’s Wired-OR mode (WOM) bit when this pin is
configured for SPI operation.
Port F GPIO 0—This is a General Purpose I/O pin
capable of being independently programmed as an
input or output pin.
11
—
1
1
MOSI
(GPIOF1)
Input / Output(Z)
Input / Output
SPI Master Out / Slave In—This serial data pin is
an output from a master device and an input to a
slave device. The master device places data on
the MOSI line a half-cycle before the clock edge
the slave device uses to latch the data. The driver
on this pin can be configured as an open-drain by
the SPI’s Wired-OR mode (WOM) bit when this pin
is configured for SPI operation.
Port F GPIO 1—This is a General Purpose I/O pin
capable of being independently programmed as an
input or output pin.
11
—
1
1
SCK
(GPIOF3)
Input / Output
Input / Output
SPI Serial Clock—This bidirectional pin provides
a serial bit rate clock for the SPI. This gated clock
signal is an input to a slave device and is
generated as an output by a master device. Slave
devices ignore the SCK signal unless the SS pin is
active low. In both master and slave SPI devices,
data is shifted on one edge of the SCK signal and
is sampled on the opposite edge, where data is
stable. The driver on this pin can be configured as
an open-drain driver by the SPI’s WOM bit when
this pin is configured for SPI operation. When
using Wired-OR mode, the user must provide an
external pull-up device.
Port F GPIO 2—This is a General Purpose I/O pin
capable of being independently programmed as an
input or output pin.
11
—
1
1
SS
(GPIOF3)
Input
Input / Output
SPI Slave Select—This input pin selects a slave
device before a master device can exchange data
with the slave device. SS must be low before data
transactions and must stay low for the duration of
the transaction. The SS line of the master must be
held high.
Port F GPIO 3—This is a General Purpose I/O pin
capable of being independently programmed as an
input or output pin.
11
—
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com