Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 79Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 80Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 81Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 662 page
background image
Signal and Package Information
5685X Digital Signal Controller User Manual, Rev. 4
2-10
Freescale Semiconductor
2.2 Signal and Package Information
All digital inputs have a weak internal pull-up circuit associated with them. These pull-up
circuits are enabled by default. Exceptions:
1. When a pin has GPIO functionality, the pull-up may be disabled under
software control
2. Mode pins D13, D14, and D15 have no pull-up
3. TCK has a weak pull-down circuit always active
4. Bidirectional I/O pull ups automatically disabled when the output is enabled
The following tables are presented consistently with the Signals Identified by Functional
Group figure.
1. BOLD entries in the Type column represents the state of the pin just out of
reset.
2. Output(Z) means an output is in a High-Z condition.
2.3 Power, Ground and Peripheral Signals
The following tables illustrate power, ground, and bypass capacitor pinout data. Table 2-2
through Table 2-9 displays the physical layout of various grounds and voltage input
signals associated with the input/output ring. Signal names in parentheses on the same
table row provide the GPIO alternative pin function.
Table 2-2. Power Inputs
Signal Name
Signal Description
853
Pins
854
Pins
855
Pins
857
Pins
858
Pins
VDD
Power—These pins provide power to the internal structures of the
chip. They all should be attached to VDD.
66
48
8
VDDIO
Power—These pins provide power for all I/O and ESD structures of
the chip. They all should be attached to VDDIO (3.3V).
11
11
10
12
12
VDDA
Analog Power—These pins supply analog power.
11
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com