Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 662 page
background image
5685x Family Description
5685X Digital Signal Controller User Manual, Rev. 4
1-4
Freescale Semiconductor
With the exception of the 56857, the balance of the 5685x family of devices supports program
execution from either internal or external memories. Two data operands can be accessed from the
on-chip Data RAM per instruction cycle. The 5685x family also provides two external dedicated
interrupt lines, and up to 47-General Purpose Input/Output (GPIO) lines, depending on peripheral
configuration.
All devices, except the 857, support program execution from external memory. The 56800E core
can access two data operands from the on-chip Data RAM per instruction cycle.
These controllers also provides a full set of standard programmable peripherals that include an
8-bit Host Interface (HI8), up to two Enhanced Synchronous Serial Interfaces (ESSI), one Serial
Peripheral Interface (SPI), two Serial Communications Interfaces (SCI), and one Quad Timer
(TMR). When primary functions of each of the peripheries (HI8, TMR, ESSI, SPI, SCI I/O and
four chip selects) are not required, they can be used as General Purpose Input/Outputs (GPIOs).
Please see Section 1.3 for details on each of the 5685x family of devices.
1.2.1 5685x Key Family Features
1.2.1.1 The 56853
•
Supports program execution from either internal or external memories
•
Provides two external dedicated interrupt lines
•
Provides up to 41-General Purpose Input/Output (GPIO) lines, depending on peripheral
configuration
•
Includes 12K words of Program RAM
•
Includes 4K words of Data RAM
•
Includes 1K words of Boot ROM
•
Provides a full set of standard programmable peripherals including:
— eight-bit Host Interface (HI8)
— one Enhanced Synchronous Serial Interface (ESSI)
— one Serial Peripheral Interface (SPI)
— two Serial Communications Interfaces (SCIs)
— one Quad Timer (TMR)
— one, 6-channel Direct Memory Access (DMA)
The HI8, ESSI, SPI, SCI, four chip selects and TMR can be used as General Purpose
Input/Outputs (GPIOs) if its primary function is not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com