Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 662 page
background image
System Bus Controller
5685X Digital Signal Controller User Manual, Rev. 4
1-24
Freescale Semiconductor
1.5.2.1 System Side Operation
On the system side, the IPBus Bridge operates at core frequency and fully supports pipelined
communication with the core. The bridge acts as a slave device on this bus. The bridge is
responsible for initiating IPBus transactions only per requests initiated by the core, or other
system bus masters.
Figure 1-8. IPBus Bridge Interface With Other Main Components
System Side Operation
1.5.2.2 Peripheral Side Operation
On the peripheral side, the IPBus Bridge accesses various devices through a standard
non-pipelined IPBus interface. Separate bus lines are used for read and write transactions. The
IPBus Bridge also interfaces with an External Memory Interface (EMI) block. The IPBus
operates at half of the core frequency.
IP
IP
X1 DATA
56800E
CORE
416
21
XAB1
CDBR
CDBW
X2 DATA
RAM
1-1/2 PORT
XAB2
XDB2
PROGRAM
RAM
PAB
PDB
16
21
24
32
IPB_RDATA
IPB_WDATA
IPB_ADDR
RAM
IP
IPB_R/W
IP
16
32
24
EMI
INTERFACE
CS
AD
IPBus
BRIDGE
RD
WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com