Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 222 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 222 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 218Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 219Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 220Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 221Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 222Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 223Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 224Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 225Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 226Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 662 page
background image
Signal Description
5685X Digital Signal Controller User Manual, Rev. 4
9-4
Freescale Semiconductor
Table 9-2. DMA IPBus Signals
Name
Type
Function
Clock Domain
IPBUS_CLK
Input
IPBus Clock
—
IPBUS_ADDR[2:0]
Input
DMA IPBus Register Select
IPBUS_CLK
IPBUS_DATA_IN[15:0]
Input
Write data from IPBus to DMA registers
IPBUS_CLK
IPBUS_DATA_OUT[15:0]
Output
Read data to IPBus from DMA registers
IPBUS_CLK
IPBUS_R/W
Input
IPBus read/write signal
IPBUS_CLK
IPBUS_SEL
Input
Select signal for DMA Controller
IPBUS_CLK
IPBUS_REQ[30:0]
Input
DMA request signal from IPBus peripheral
IPBUS_CLK
DMA_INTR
Output
DMA interrupt request signal (active low)
IPBUS_CLK
IP_PHASE
Input
Data signal indicating IPBus phase
SYS_CLK
Table 9-3. DMA X1 Bus Signals
Name
Type
Function
Clock Domain
SYS_CLK
Input
System Clock
—
X1_BUS_REQUEST
Output
DMA request to System Bus Controller (SBC)
SYS_CLK
X1_BUS_GRANT
Input
DMA grant signal from SBC
SYS_CLK
X1_ADDR_OUT[23:0]
Output
DMA-provided data space address
SYS_CLK
X1_W_DATA[31:0]
Output
DMA-provided data
SYS_CLK
X1_W
Output
DMA system bus write signal
SYS_CLK
X1_R_DATA[31:0]
Input
SBC-provided system bus read data
SYS_CLK
X1_R
Output
DMA system bus read signal
SYS_CLK
X1_SIZE
Output
Size of data written (byte, word, long)
SYS_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com