Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 384 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 384 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 380Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 381Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 382Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 383Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 384Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 385Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 386Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 387Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 388Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 662 page
background image
Resets
5685X Digital Signal Controller User Manual, Rev. 4
13-18
Freescale Semiconductor
Figure 13-10. TMR Hold Register (HOLD)
See Programmer’s Sheet on Appendix page B - 88
13.9.8 Timer Channel Counter Register (CNTR)
There are four read/write Timer Channel Counter Registers in this occurrence. Their addresses
are:
TMRA0_CNTR (Timer A, Channel 0 Counter)—Address: TMRA_BASE + $5
TMRA1_CNTR (Timer A, Channel 1 Counter)—Address: TMRA_BASE + $D
TMRA2_CNTR (Timer A, Channel 2 Counter)—Address: TMRA_BASE + $15
TMRA3_CNTR (Timer A, Channel 3 Counter)—Address: TMRA_BASE + $1D
Figure 13-11. TMR Counter Register (CNTR)
See Programmer’s Sheet on Appendix page B - 89
13.10 Resets
The TMR module can only be reset by the RST signal. This forces all registers to their reset state
and clears the OFLAG signal if it is asserted. The counter will be turned off until the settings in
the Control register are changed.
13.11 Interrupts
The TMR module can generate 12 interrupts, three for each of the four counters/channels.
13.11.1 Timer Compare Interrupts
These interrupts are generated when a successful compare occurs between a counter and it’s
compare registers while the Timer Compare Flag Interrupt Enable (TCFIE) is set in the
TMR_SCR. These interrupts are cleared by writing 0 to the TCF bit in the appropriate
TMR_SCR.
Base + $4, $C,
$14, $1C
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
HOLD VALUE
Write
Reset
0
000
0000
000
000
00
Base + $5. $D,
$15, $1D
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
COUNTER
Write
Reset
0
000
0000
000
000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com