Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 411 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 411 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 407Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 408Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 409Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 410Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 411Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 412Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 413Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 414Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 415Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 662 page
background image
Register Descriptions
General Purpose Input/Output (GPIO), Rev. 4
Freescale Semiconductor
15-11
15.8.3 Port C Peripheral Enable Register (GPIOC_PER)
Figure 15-12. Port C Peripheral Enable Register (GPIOC_PER)
See Programmer’s Sheet on Appendix page B - 107
15.8.3.1 Reserved—Bits 15–6
These bits are reserved or not implemented. They are read as 1 and cannot be modified by
writing.
15.8.3.2 Peripheral Enable (PE)—Bits 5–0
These bits control whether a given pin is in either Normal or GPIO mode.
•
0 = GPIO mode; pin operation is controlled by GPIO registers
•
1 = Normal mode; pin operation is controlled by the ESSI0 module
15.8.4 Port D Peripheral Enable Register (GPIOD_PER)
Figure 15-13. Port D Peripheral Enable Register (GPIOD_PER)
See Programmer’s Sheet on Appendix page B - 108
15.8.4.1 Reserved—Bits 15–6
These bits are reserved or not implemented. They are read as 1and cannot be modified by writing.
15.8.4.2 Peripheral Enable (PE)—Bits 5–0
These bits control whether a given pin is in either Normal or GPIO mode.
•
0 = GPIO mode; pin operation is controlled by GPIO registers
•
1 = Normal mode; pin operation is controlled by the ESSI1 module
Base + $0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
1
1
1
1
1
1
1
1
1
1
PE
Write
Reset
1
111
111
1
1
1
1
1
1
1
1
1
Base + $0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
1
1
1
1
1
1
1
1
1
1
PE
Write
Reset
1
111
111
1
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com