Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 417 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 417 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 413Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 414Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 415Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 416Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 417Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 418Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 419Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 420Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 421Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 662 page
background image
Register Descriptions
General Purpose Input/Output (GPIO), Rev. 4
Freescale Semiconductor
15-17
15.8.15 Port G Data Direction Register (GPIOG_DDR)
Figure 15-24. Port G Direction Register (GPIOG_DDR)
See Programmer’s Sheet on Appendix page B - 119
15.8.15.1 Reserved—Bits 15–4
These bits are reserved or not implemented. They are read as 0 and cannot be modified by
writing.
15.8.15.2 Data Direction (DD)—Bits 3–0
These bits control the pins direction when in the GPIO mode. These bits have no effect on the
output enables or pull-up enables in the Normal mode.
•
0 = Pin is an input; pull-ups are dependent on value of PUE registers (default)
•
1 = Pin is an output; pull-ups are disabled
15.8.16 Port H Data Direction Register (GPIOH_DDR)
Figure 15-25. Port H Direction Register (GPIOH_DDR)
See Programmer’s Sheet on Appendix page B - 120
15.8.16.1 Reserved—Bits 15–3
These bits are reserved or not implemented. They are read as 0 and cannot be modified by
writing.
15.8.16.2 Data Direction (DD)—Bits 2–0
These bits control the pins direction when in the GPIO mode. These bits have no effect on the
output enables or pull-up enables in the Normal mode.
•
0 = Pin is an input; pull-ups are dependent on value of PUE registers (default)
•
1 = Pin is an output; pull-ups are disabled
Base + $1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
0
0
0
DD
Write
Reset
000
000
00
0
0
0
0
0
0
0
0
Base + $1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
0
0
0
0
DD
Write
Reset
0
0
0
0
0
0
0
0
00000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com